Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B5WC Datasheet(PDF) 7 Page - Omron Electronics LLC

Part # B5WC
Description  Color Sensor to Build into Equipment
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

B5WC Datasheet(HTML) 7 Page - Omron Electronics LLC

  B5WC Datasheet HTML 1Page - Omron Electronics LLC B5WC Datasheet HTML 2Page - Omron Electronics LLC B5WC Datasheet HTML 3Page - Omron Electronics LLC B5WC Datasheet HTML 4Page - Omron Electronics LLC B5WC Datasheet HTML 5Page - Omron Electronics LLC B5WC Datasheet HTML 6Page - Omron Electronics LLC B5WC Datasheet HTML 7Page - Omron Electronics LLC B5WC Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
B5WC
7
Countermeasures for Switching Power Supplies
Take either of the following countermeasures as required if
connecting a modulated-light sensor to a switching power supply.
1. Attach a capacitor (e.g., aluminum electrolytic capacitor) of 10 μF
min. as close as possible to the sensor when wiring.
(Use a capacitor with a dielectric strength that is at least twice the
sensor's power supply voltage. Do not use tantalum capacitors. A
short-circuit may cause the capacitor to ignite due to the large
current flow.)
2. Connect to the 0-V line of the power source or connect by way of
a capacitor (approx. 0.47 μF) at the point closest to the sensor to
reduce the impedance of the sensor mounting base so that it is
difficult for inductive noise to enter the mounting base.
3. Connect the noise filter terminal (neutral terminal to ACG) of the
switching power supply to the case (FG) and 0-V terminal of the
power supply.
The line connected as mentioned above should be grounded or
connected to the mounting base to ensure stable operation.
(Recommended by power supply manufacturers.)
Countermeasures to Handle Inductive Noise
Insert a plastic insulator of approximately 10 mm between the sensor
and the mounting base.
Effects of Inductive Noise
When there is inductive noise in the sensor mounting frame (metal),
the output of the sensor may be affected.
In this case, ensure that there is no electrical potential difference
between the sensor 0-V terminal and the sensor mounting frame
(metal).
Or, put a 0.47-μF capacitor between the 0-V terminal and the frame.
● Other precautions
1. Do not mount the sensor in the following places because doing so
may cause malfunction or failure.
1) Place exposed to a lot of dust or oil mist
2) Place exposed to a lot of corrosive gas
3) Place directly or indirectly exposed to splashes of water, oil, or
chemicals
4) Outdoors or place exposed to intensive light such as direct
sunlight
2. The sensor may be dissolved by exposure to organic solvents,
acid, alkali, aromatic hydrocarbon, and chlorinated aliphatic
hydrocarbon solvents, causing deterioration in the characteristics.
Do not expose the sensor to such chemicals.
3. An output pulse may occur when the power supply is turned ON
due to the power supply environment and other influences. Use
the sensor in the stable ready-for-detection state reached in 100
ms after turning on the power supply.
4. When the number of averaging times is set to a low value,
variations in the RGB output values may increase due to A/D
conversion errors, noise, and other factors. We recommend
checking the RGB output values multiple times.
5. If the sensor is used outside the power supply voltage range, set
the power to OFF (0 V) once because there is the possibility of
unexpected operation.
6. If foreign matter has adhered to the lens, the output voltage may
vary. When removing foreign matter from the lens, take care not to
touch the lens with a hand, etc. so as to prevent it from getting
scratched or dirty.
7. Use a power supply of max. 15 W for the power supply connected
to this sensor because the internal circuit does not have a safety
device.
Vcc
GND
SDA
SCL
10 μF min.
Sensor
Extension cable
2 m max.
0 V
G
C
(0.47 μF)
Switching
Power Supplies
Mounting
base
Sensor
V
Mounting
base
Sensor
Sensor
Power
Supplies
G
0 V
ACG
FG
Grounding
Switching Power Supplies
Input
V
Sensor
Mounting
base
Power
supply
5 V
0 V
0.47 μF



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com