Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B5WC Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # B5WC
Description  Color Sensor to Build into Equipment
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

B5WC Datasheet(HTML) 4 Page - Omron Electronics LLC

  B5WC Datasheet HTML 1Page - Omron Electronics LLC B5WC Datasheet HTML 2Page - Omron Electronics LLC B5WC Datasheet HTML 3Page - Omron Electronics LLC B5WC Datasheet HTML 4Page - Omron Electronics LLC B5WC Datasheet HTML 5Page - Omron Electronics LLC B5WC Datasheet HTML 6Page - Omron Electronics LLC B5WC Datasheet HTML 7Page - Omron Electronics LLC B5WC Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
B5WC
4
Engineering Data (Reference Value)
Output voltage ratio: This indicates each RGB output voltage ratio with the highest signal within the RGB output voltages expressed as 100%.
Example: Red = 1.0 V, Green = 0.7 V, Blue = 0.5 V => Red: 100%, Green: 70%, Blue: 50%
Dimensions
Receiver Output - Angle characteristics (Left and right)
Receiver output ratio - Angle characteristics (Up and down)
0.0
0.1
0.2
0.3
0.4
0.5
-20
-10
0
10
20
Angle (deg.)
Red
Green
Blue
Inclination
(Sensing Distance = 40 mm)
-20
-10
0
10
20
0
20
40
60
80
100
120
Angle (deg.)
Red
Green
Blue
(Sensing Distance = 40 mm)
Inclination
(Unit: mm)
Tolerance class IT16 applies to dimensions in this data sheet unless otherwise specified.
3.4
Reciever lens
(7.5 dia.)
R3.76
6.1
6.1
Emitter lens
(7.5 dia.)
Mark
(Brand mark, model name,
Lot No. QR code)
3.2 dia.
(1) (2) (3) (4) (5)
40
34
26.5
9.75
15.9
8.4
6
5.4
34
3.2
8.4
SM05B-SRSS-TB
manufactured by JST
CAD Data
B5WC-VB2322-1
Terminal
No.
Name
(1)
Vcc
(2)
SDA
(3)
SCL
(4)
Empty
(5)
GND



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com