Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MS3383 Datasheet(PDF) 1 Page - Advanced Power Technology

Part # MS3383
Description  RF & MICROWAVE TRANSISTORS GENERAL PURPOSE AMPLIFIER APPLICATIONS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

MS3383 Datasheet(HTML) 1 Page - Advanced Power Technology

  MS3383 Datasheet HTML 1Page - Advanced Power Technology MS3383 Datasheet HTML 2Page - Advanced Power Technology MS3383 Datasheet HTML 3Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Advanced Power Technology reserves the right to change, without notice, the specifications and information contained herein
Visit our website at WWW.ADVANCEDPOWER.COM or contact our factory direct.
MS3383
DESCRIPTION:
The MS3383 is a common base, hermetically sealed silicon NPN
microwave power transistor. This device is designed for Class C
applications in the 1 - 3 GHz frequency range. Gold metallization
and emitter ballasting provide long term reliability and superior
ruggedness.
ABSOLUTE MAXIMUM RATINGS (Tcase = 25
°C)
Symbol
Parameter
Value
Unit
PDISS
Power Dissipation*
6.0
W
VCC
Collector-Supply Voltage*
30
V
IC
Device Current*
200
mA
TJ
Junction Temperature
200
º C
TSTG
Storage Temperature
-65 to +200
º C
Thermal Data
RTH(J-C)
Thermal Resistance Junction-case
25
°°C/W
**Applies only to rated RF amplifier operation
Features
Features
• GOLD METALIZATION
• P
OUT = 1.0 W MINIMUM
• 3.0 GHz
• G
P = 7.0 dB
• INFINITE VSWR CAPABLE @ RATED CONDITIONS
• HERMETIC PACKAGE
• COMMON BASE CONFIGURATION
RF & MICROWAVE TRANSISTORS
GENERAL PURPOSE AMPLIFIER APPLICATIONS
140 COMMERCE DRIVE
MONTGOMERYVILLE, PA
18936-1013
PHONE: (215) 631-9840
FAX: (215) 631-9855


Similar Part No. - MS3383

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
MS338PWA COILCRAFT-MS338PWA Datasheet
238Kb / 2P
High Reliability Power Inductors
MS338PWA102MSZ COILCRAFT-MS338PWA102MSZ Datasheet
238Kb / 2P
High Reliability Power Inductors
MS338PWA103MSZ COILCRAFT-MS338PWA103MSZ Datasheet
238Kb / 2P
High Reliability Power Inductors
MS338PWA152MSZ COILCRAFT-MS338PWA152MSZ Datasheet
238Kb / 2P
High Reliability Power Inductors
MS338PWA201MSZ COILCRAFT-MS338PWA201MSZ Datasheet
238Kb / 2P
High Reliability Power Inductors
More results

Similar Description - MS3383

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
MSC81002 STMICROELECTRONICS-MSC81002 Datasheet
101Kb / 5P
RF & MICROWAVE TRANSISTORS GENERAL PURPOSE AMPLIFIER APPLICATIONS
Oct-1992
MSC81005 STMICROELECTRONICS-MSC81005 Datasheet
99Kb / 5P
RF & MICROWAVE TRANSISTORS GENERAL PURPOSE AMPLIFIER APPLICATIONS
Oct-1992
MSC81010 STMICROELECTRONICS-MSC81010 Datasheet
101Kb / 5P
RF & MICROWAVE TRANSISTORS GENERAL PURPOSE AMPLIFIER APPLICATIONS
Oct-1992
MSC81020 STMICROELECTRONICS-MSC81020 Datasheet
89Kb / 5P
RF & MICROWAVE TRANSISTORS GENERAL PURPOSE AMPLIFIER APPLICATIONS
Oct-1992
MSC81118 STMICROELECTRONICS-MSC81118 Datasheet
102Kb / 5P
RF & MICROWAVE TRANSISTORS GENERAL PURPOSE AMPLIFIER APPLICATIONS
Oct-1992
MSC82003 STMICROELECTRONICS-MSC82003 Datasheet
92Kb / 5P
RF & MICROWAVE TRANSISTORS GENERAL PURPOSE AMPLIFIER APPLICATIONS
Oct-1992
MSC82306 STMICROELECTRONICS-MSC82306 Datasheet
54Kb / 4P
RF & MICROWAVE TRANSISTORS GENERAL PURPOSE AMPLIFIER APPLICATIONS
Oct-1992
MSC82307 STMICROELECTRONICS-MSC82307 Datasheet
51Kb / 3P
RF & MICROWAVE TRANSISTORS GENERAL PURPOSE AMPLIFIER APPLICATIONS
Oct-1992
MSC83301 STMICROELECTRONICS-MSC83301 Datasheet
96Kb / 5P
RF & MICROWAVE TRANSISTORS GENERAL PURPOSE AMPLIFIER APPLICATIONS
02-Sep-1994
logo
Advanced Power Technolo...
MS3302 ADPOW-MS3302 Datasheet
152Kb / 4P
RF & MICROWAVE TRANSISTORS GENERAL PURPOSE AMPLIFIER APPLICATIONS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com