Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MS3383 Datasheet(PDF) 2 Page - Advanced Power Technology

Part # MS3383
Description  RF & MICROWAVE TRANSISTORS GENERAL PURPOSE AMPLIFIER APPLICATIONS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

MS3383 Datasheet(HTML) 2 Page - Advanced Power Technology

  MS3383 Datasheet HTML 1Page - Advanced Power Technology MS3383 Datasheet HTML 2Page - Advanced Power Technology MS3383 Datasheet HTML 3Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Advanced Power Technology reserves the right to change, without notice, the specifications and information contained herein
Visit our website at WWW.ADVANCEDPOWER.COM or contact our factory direct.
MS3383
ELECTRICAL SPECIFICATIONS (Tcase = 25
ELECTRICAL SPECIFICATIONS (Tcase = 25
°°C)
C)
STATIC
Value
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
BVCBO
IC = 1 mA
IE = 0 mA
45
---
---
V
BVCER
IC = 5 mA
RBE = 10
Ω
Ω
45
---
---
V
BVEBO
IE = 1 mA
IC = 0 mA
3.5
---
---
V
ICBO
VCE = 28 V
---
---
0.5
mA
HFE
VCE = 5 V
IC = 100 mA
30
---
300
---
DYNAMIC
Value
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
POUT
f = 3.0 GHz
PIN = 0.20 W
Vcc = 28V
1.0
---
---
W
GP
f = 3.0 GHz
PIN = 0.20 W
Vcc = 28V
7.0
---
---
dB
ηη
C
f = 3.0 GHz
PIN = 0.20 W
Vcc = 28V
30
---
---
%
COB
f =1 MHz
VCB =28V
---
---
3.5
pF
IMPEDANCE DATA
IMPEDANCE DATA
FREQ
ZIN(
Ω)
Ω)
ZCL(
Ω)
Ω)
1.0 GHz
9.0 + j9.0
21 + j48.0
2.0 GHz
18 + j34.5
7.5 + j22.0
3.0 GHz
65 + j22.0
3.8 + j3.0
PIN = 0.20W VCC = 28V



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com