Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

400DBBBA0 Datasheet(PDF) 35 Page - ON Semiconductor

Part # 400DBBBA0
Description  Fixed Frequency Current Mode Controller for Flyback Converters
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

400DBBBA0 Datasheet(HTML) 35 Page - ON Semiconductor

Back Button 400DBBBA0 Datasheet HTML 31Page - ON Semiconductor 400DBBBA0 Datasheet HTML 32Page - ON Semiconductor 400DBBBA0 Datasheet HTML 33Page - ON Semiconductor 400DBBBA0 Datasheet HTML 34Page - ON Semiconductor 400DBBBA0 Datasheet HTML 35Page - ON Semiconductor 400DBBBA0 Datasheet HTML 36Page - ON Semiconductor 400DBBBA0 Datasheet HTML 37Page - ON Semiconductor 400DBBBA0 Datasheet HTML 38Page - ON Semiconductor 400DBBBA0 Datasheet HTML 39Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 47 page
background image
NCP12400
www.onsemi.com
35
Under some conditions, like a winding short−circuit for
instance, not all the energy stored during the on−time is
transferred to the output during the off−time, even if the
on−time duration is at its minimum (imposed by the
propagation delay of the detector added to the LEB
duration). As a result, the current sense voltage keeps on
increasing above VILIM, because the controller is blind
during the LEB blanking time. Dangerously high current
can grow in the system if nothing is done to stop the
controller. That’s what the additional comparator, that
senses when the current sense voltage on CS pin reaches
VCS(stop) ( = 1.5 x VILIM ), does: as soon as this comparator
toggles, the controller immediately enters the protection
mode.
In order to allow the NCP12400 to operate in CCM with
a duty−ratio above 50%, the fixed slope compensation is
internally applied to the current−mode control. The slope
appearing on the internal voltage setpoint for the PWM
comparator is −32.5 mV/
ms typical. The slope compensation
can be observable as a value of the peak current at CS pin.
The internal slope compensation circuitry uses a saw−tooth
signal synchronized with the internal oscillator is subtracted
from the FB voltage divided by KFB.
Figure 65. Slope Compensation Block Diagram
Figure 66. Slope Compensation Timing Diagram
Duty Cycle
Internal PWM setpoint
40%
100%
80%
0%
VFB / KFB − 0.2 V
VFB / KFB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com