Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

400DBBBA0 Datasheet(PDF) 36 Page - ON Semiconductor

Part # 400DBBBA0
Description  Fixed Frequency Current Mode Controller for Flyback Converters
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

400DBBBA0 Datasheet(HTML) 36 Page - ON Semiconductor

Back Button 400DBBBA0 Datasheet HTML 32Page - ON Semiconductor 400DBBBA0 Datasheet HTML 33Page - ON Semiconductor 400DBBBA0 Datasheet HTML 34Page - ON Semiconductor 400DBBBA0 Datasheet HTML 35Page - ON Semiconductor 400DBBBA0 Datasheet HTML 36Page - ON Semiconductor 400DBBBA0 Datasheet HTML 37Page - ON Semiconductor 400DBBBA0 Datasheet HTML 38Page - ON Semiconductor 400DBBBA0 Datasheet HTML 39Page - ON Semiconductor 400DBBBA0 Datasheet HTML 40Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 47 page
background image
NCP12400
www.onsemi.com
36
Internal Overpower Protection
The power delivered by a flyback power supply is
proportional to the square of the peak current in
discontinuous conduction mode:
POUT +
1
2
@ h @ LP @ FSW @ IP 2
(eq. 3)
Unfortunately, due to the inherent propagation delay of
the logic, the actual peak current is higher at high input
voltage than at low input voltage, leading to a significant
difference in the maximum output power delivered by the
power supply.
Figure 67. Needs for Line Compensation For True Overpower Protection
time
Ipeak
High
Line
Low
Line
ILIMIT
tdelay
tdelay
DIpeak to be
compensated
To compensate this and have an accurate overpower
protection, an offset proportional to the input voltage is
added on the CS signal by turning on an internal current
source: by adding an external resistor in series between the
sense resistor and the CS pin, a voltage offset is created
across it by the current. The compensation can be adjusted
by changing the value of the resistor.
But this offset is unwanted to appear when the current
sense signal is small, i.e. in light load conditions, where it
would be in the same order of magnitude. Therefore the
compensation current is only added when the FB voltage is
higher than VFB(OPCE). However, because the HV pin is
being connected to ac voltage, there is needed an additional
circuitry to read or at least closely estimate the actual voltage
on the bulk capacitor.
Figure 68. Overpower Protection Current Relation to Feedback Voltage
VFB
IOPC
VFB(OPCE)
VFB(OPCF)
VHV
Figure 69. Overpower Protection Current Relation to Peak of Rectified Input Line AC voltage
VHV
IOPC
365 V
125 V
IOPC(125)
IOPC(365)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com