Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSF0108 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LSF0108
Description  LSF0108-Q1 Automotive 8-Channel Multi-Voltage Level Translator
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LSF0108 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LSF0108 Datasheet HTML 2Page - Texas Instruments LSF0108 Datasheet HTML 3Page - Texas Instruments LSF0108 Datasheet HTML 4Page - Texas Instruments LSF0108 Datasheet HTML 5Page - Texas Instruments LSF0108 Datasheet HTML 6Page - Texas Instruments LSF0108 Datasheet HTML 7Page - Texas Instruments LSF0108 Datasheet HTML 8Page - Texas Instruments LSF0108 Datasheet HTML 9Page - Texas Instruments LSF0108 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
6.5 Electrical Characteristics
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN TYP(1)
MAX
UNIT
VIK
II = –18 mA,
VEN = 0
–1.2
V
IIH
VI = 5 V
VEN = 0
5
µA
ICC
Vref_B = VEN = 5.5 V, Vref_A = 4.5 V, IO = 0, VI = VCC or GND
6
µA
CI(ref_A/B/EN)
VI = 3 V or 0
11
pF
Cio(off)
VO = 3 V or 0,
VEN = 0
4
6
pF
Cio(on)
VO = 3 V or 0,
VEN = 3 V
10.5
12.5
pF
ron (2)
VI = 0,
IO = 64 mA
Vref_A = 3.3 V; Vref_B = VEN = 5 V
8
Ω
Vref_A = 1.8 V; Vref_B = VEN = 5 V
9
Vref_A = 1.0 V; Vref_B = VEN = 5 V
10
VI = 0,
IO = 32 mA
Vref_A = 1.8 V; Vref_B = VEN = 5 V
10
Ω
Vref_A = 2.5 V; Vref_B = VEN = 5 V
15
VI = 1.8 V,
IO = 15 mA
Vref_A = 3.3 V; Vref_B = VEN = 5 V
9
Ω
VI = 1.0 V,
IO = 10 mA
Vref_A = 1.8 V; Vref_B = VEN = 3.3 V
18
Ω
VI = 0 V,
IO = 10 mA
Vref_A = 1.0 V; Vref_B = VEN = 3.3 V
20
Ω
VI = 0 V,
IO = 10 mA
Vref_A = 1.0 V; Vref_B = VEN = 1.8 V
30
Ω
(1)
All typical values are at TA = 25°C.
(2)
Measured by the voltage drop between the A and B pins at the indicated current through the switch. On-state resistance is determined
by the lowest voltage of the two (A or B) pins.
6.6 Switching Characteristics (Translating Down), VGATE = 3.3 V
over recommended operating free-air temperature range, VGATE = 3.3 V, VIH = 3.3 V, VIL = 0, and VM = 1.15 V (unless
otherwise noted) (see Figure 7-1)
PARAMETER
FROM (INPUT)
TO (OUTPUT)
CL = 50 pF
CL = 30 pF
CL = 15 pF
UNIT
TYP
MAX
TYP
MAX
TYP
MAX
tPLH
A or B
B or A
1.9
1.4
0.75
ns
tPHL
2
1.5
0.85
6.7 Switching Characteristics (Translating Down), VGATE = 2.5 V
over recommended operating free-air temperature range, VGATE = 2.5 V, VIH = 2.5 V, VIL = 0, and VM = 0.75 V (unless
otherwise noted) (see Figure 7-1)
PARAMETER
FROM (INPUT)
TO (OUTPUT)
CL = 50 pF
CL = 30 pF
CL = 15 pF
UNIT
TYP
MAX
TYP
MAX
TYP
MAX
tPLH
A or B
B or A
2
1.45
0.8
ns
tPHL
2.1
1.55
0.9
LSF0108-Q1
SDLS967E – MAY 2016 – REVISED NOVEMBER 2022
www.ti.com
6
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: LSF0108-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com