Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSF0108 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # LSF0108
Description  LSF0108-Q1 Automotive 8-Channel Multi-Voltage Level Translator
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LSF0108 Datasheet(HTML) 14 Page - Texas Instruments

Back Button LSF0108 Datasheet HTML 10Page - Texas Instruments LSF0108 Datasheet HTML 11Page - Texas Instruments LSF0108 Datasheet HTML 12Page - Texas Instruments LSF0108 Datasheet HTML 13Page - Texas Instruments LSF0108 Datasheet HTML 14Page - Texas Instruments LSF0108 Datasheet HTML 15Page - Texas Instruments LSF0108 Datasheet HTML 16Page - Texas Instruments LSF0108 Datasheet HTML 17Page - Texas Instruments LSF0108 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 31 page
background image
9.2.1.1 Design Requirements
9.2.1.1.1 Enable, Disable, and Reference Voltage Guidelines
As shown in Figure 9-1, the A1 and A2 channels have a maximum output voltage equal to Vref_A, and the B1
and B2 channels have a maximum output voltage equal to Vpu when Vref_B is connected through a 200-kΩ
resistor to a 3.3-V Vpu power supply and Vref_A is set 1.8 V.
The LSF0108-Q1 has an EN input that is used to disable the device by setting EN LOW, which places all I/Os
in the high-impedance state. The power consumption is very low because LSF0108-Q1 is a switch-type voltage
translator. It is recommended to always enable LSF0108-Q1 for bidirectional application (I2C, SMBus, PMBus, or
MDIO).
Table 9-2. Application Operating Condition
PARAMETER
MIN
TYP
MAX
UNIT
Vref_A(1)
reference voltage (A)
0.95
4.5
V
Vref_B
reference voltage (B)
Vref_A + 0.8
5.5
V
VI(EN)
input voltage on EN pin
Vref_A + 0.8
5.5
V
Vpu
pull-up supply voltage
0
Vref_B
V
(1)
Vref_A have to be the lowest voltage level across all of inputs and outputs.
Note
The 200 kΩ, pull-up resistor is required to allow Vref_B to regulate the EN input.
A filter capacitor on Vref_B is recommended. Also Vref_B and VI(EN) are recommended to be at 1.0 V higher
than Vref_A for best signal integrity.
9.2.1.1.2 Bias Circuitry
For proper operation, VCCA must always be at least 0.8 V less than VCCB (VCCA + 0.8
≦ VCCB). The 200 kΩ
pull-up resistor is required to allow Vref_B to regulate the EN input and properly bias the device for translation.
A 0.1 µF capacitor is recommended for providing a path from Vref_B to ground for high frequency noise. Vref_B
and VI (EN) are recommended to be 1.0 V higher than Vref_A for best signal integrity.
Attempting to drive the EN pin directly with a push-pull output device is a very common design error with the
LSF01 series of devices. It is also very important to note that current does flow into the A-side voltage supply
during normal operation. Not all voltage sources can sink current, so be sure that applicable designs can handle
this current. For more design details, see the Understanding the Bias Circuit for the LSF Family video.
1.8 V
Vref_A
VCCB
EN
200 k
Vref_B
3.3 V
A1
B1
0.1 mF
Figure 9-2. Bias Circuitry Inside the LSF0108-Q1 Devices
LSF0108-Q1
SDLS967E – MAY 2016 – REVISED NOVEMBER 2022
www.ti.com
14
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: LSF0108-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com