Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV3601DBVR Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TLV3601DBVR
Description  TLV360x 325 MHz High-Speed Comparators with 2.5 ns Propagation Delay
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV3601DBVR Datasheet(HTML) 21 Page - Texas Instruments

Back Button TLV3601DBVR Datasheet HTML 17Page - Texas Instruments TLV3601DBVR Datasheet HTML 18Page - Texas Instruments TLV3601DBVR Datasheet HTML 19Page - Texas Instruments TLV3601DBVR Datasheet HTML 20Page - Texas Instruments TLV3601DBVR Datasheet HTML 21Page - Texas Instruments TLV3601DBVR Datasheet HTML 22Page - Texas Instruments TLV3601DBVR Datasheet HTML 23Page - Texas Instruments TLV3601DBVR Datasheet HTML 24Page - Texas Instruments TLV3601DBVR Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 41 page
background image
8.1.2 Capacitive Loads
For capacitive loads under 100 pF, the propagation delay has minimum change (see Propagation Delay vs.
Capacitive Load). However, excessive capacitive loading under high switching frequencies may increase supply
current, propagation delay, or induce decreased slew rate.
8.1.3 Latch Functionality
The latch pin for the TLV3603 holds the output state of the device when the voltage at the LE/HYS pin is
a logic low. This is particularly useful when the output state is intended to remain unchanged. An important
consideration of the latch functionality is the latch hold and setup times. Latch hold time is the minimum time
required (after the latch pin is asserted) for properly latching the comparator output. Likewise, latch setup time is
defined as the time that the input must be stable before the latch pin is asserted low. The figure below illustrates
when the input can transition for a valid latch. Note that the typical setup time in the EC table is negative; this is
due to the internal trace delays of the LE/HYS pin relative to the input pin trace delays. A small delay (tPL) in the
output response is shown below when the TLV3603 exits a latched output stage.
Invalid Input
Transition Region
Valid Input Transition
Region
tSETUP
tHOLD
Valid Input
Transition Region
LE/HYS
IN
Figure 8-3. Input Change Properly Latched
LE/HYS
IN
t
PL
OUT
Figure 8-4. Latch Disable with Input Change
8.2 Typical Application
8.2.1 Implementing Hysteresis
A comparator may produce “chatter” (multiple transitions) at the output when there are noise or signal variations
around the reference threshold; this causes the output to change states in rapid random successions as the
comparator input goes above and below the threshold of the reference. This usually occurs when the input signal
www.ti.com
TLV3601, TLV3602, TLV3603
SNOSDB1D – JUNE 2021 – REVISED NOVEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: TLV3601 TLV3602 TLV3603



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com