Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFBR-79EQPZ-R1-C Datasheet(PDF) 5 Page - ATGBICS by Approved Technology

Part # AFBR-79EQPZ-R1-C
Description  AFBR-79EQPZ-R1 Avago Broadcom Compatible Transceiver QSFP 40GBase-SR4 (850nm, MMF, 150m, MTP/MPO, DOM)
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATGBICS [ATGBICS by Approved Technology]
Direct Link  https://atgbics.com/
Logo ATGBICS - ATGBICS by Approved Technology

AFBR-79EQPZ-R1-C Datasheet(HTML) 5 Page - ATGBICS by Approved Technology

  AFBR-79EQPZ-R1-C Datasheet HTML 1Page - ATGBICS by Approved Technology AFBR-79EQPZ-R1-C Datasheet HTML 2Page - ATGBICS by Approved Technology AFBR-79EQPZ-R1-C Datasheet HTML 3Page - ATGBICS by Approved Technology AFBR-79EQPZ-R1-C Datasheet HTML 4Page - ATGBICS by Approved Technology AFBR-79EQPZ-R1-C Datasheet HTML 5Page - ATGBICS by Approved Technology AFBR-79EQPZ-R1-C Datasheet HTML 6Page - ATGBICS by Approved Technology AFBR-79EQPZ-R1-C Datasheet HTML 7Page - ATGBICS by Approved Technology AFBR-79EQPZ-R1-C Datasheet HTML 8Page - ATGBICS by Approved Technology AFBR-79EQPZ-R1-C Datasheet HTML 9Page - ATGBICS by Approved Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
ATGBICS® All rights reserved. EOE
Ref: ATGBICS_AFBR-79EQPZ-R1-C_V1
Page 5 of 15
Product Datasheet
Diagnostic Monitoring Interface
Digital diagnostics monitoring function is available on all QSFP+ SR4. A 2-wire serial interface provides user
to contact with module. The structure of the memory is shown in flowing. The memory space is arranged
into a lower, single page, address space of 128 bytes and multiple upper address space pages. This
structure permits timely access to addresses in the lower page, such as Interrupt Flags and Monitors. Less
time critical time entries, such as serial ID information and threshold settings, are available with the Page
Select function. The interface address used is A0xh and is mainly used for time critical data like interrupt
handling in order to enable a one-time-read for all data related to an interrupt situation. After an interrupt,
IntL, has been asserted, the host can read out the flag field to determine the affected channel and type of
flag.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com