Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFBR-79EQPZ-R1-C Datasheet(PDF) 8 Page - ATGBICS by Approved Technology

Part # AFBR-79EQPZ-R1-C
Description  AFBR-79EQPZ-R1 Avago Broadcom Compatible Transceiver QSFP 40GBase-SR4 (850nm, MMF, 150m, MTP/MPO, DOM)
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATGBICS [ATGBICS by Approved Technology]
Direct Link  https://atgbics.com/
Logo ATGBICS - ATGBICS by Approved Technology

AFBR-79EQPZ-R1-C Datasheet(HTML) 8 Page - ATGBICS by Approved Technology

Back Button AFBR-79EQPZ-R1-C Datasheet HTML 4Page - ATGBICS by Approved Technology AFBR-79EQPZ-R1-C Datasheet HTML 5Page - ATGBICS by Approved Technology AFBR-79EQPZ-R1-C Datasheet HTML 6Page - ATGBICS by Approved Technology AFBR-79EQPZ-R1-C Datasheet HTML 7Page - ATGBICS by Approved Technology AFBR-79EQPZ-R1-C Datasheet HTML 8Page - ATGBICS by Approved Technology AFBR-79EQPZ-R1-C Datasheet HTML 9Page - ATGBICS by Approved Technology AFBR-79EQPZ-R1-C Datasheet HTML 10Page - ATGBICS by Approved Technology AFBR-79EQPZ-R1-C Datasheet HTML 11Page - ATGBICS by Approved Technology AFBR-79EQPZ-R1-C Datasheet HTML 12Page - ATGBICS by Approved Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
ATGBICS® All rights reserved. EOE
Ref: ATGBICS_AFBR-79EQPZ-R1-C_V1
Page 8 of 15
Product Datasheet
Timing for Soft Control and Status Functions
Parameter
Symbol
Max
Unit
Conditions
Initialization Time
t_init
2000
ms
Time from power on1, hot plug or rising edge of
Reset until the module is fully functional2
Reset Init Assert Time
t_reset_init
2
μs
A Reset is generated by a low level longer than
the minimum reset pulse time present on the
ResetL pin.
Serial
Bus
Hardware
Ready Time
t_serial
2000
ms
Time from power on1 until module responds to
data transmission over the 2-wire serial bus
Monitor Data Ready
Time
t_data
2000
ms
Time from power on1 to data not ready, bit 0 of
Byte 2, deasserted and IntL asserted
Reset Assert Time
t_reset
2000
ms
Time from rising edge on the ResetL pin until the
module is fully functional2
LPMode Assert Time
ton_LPMode
100
μs
Time from assertion of LPMode (Vin:LPMode
=Vih) until module power consumption enters
lower Power Level
IntL Assert Time
ton_IntL
200
ms
Time from occurrence of condition triggering IntL
until Vout:IntL = Vol
IntL Deassert Time
toff_IntL
500
μs
toff_IntL 500 μs Time from clear on read3
operation of associated flag until Vout:IntL = Voh.
This includes deassert times for Rx LOS, Tx Fault
and other flag bits.
Rx LOS Assert Time
ton_los
100
ms
Time from Rx LOS state to Rx LOS bit set and
IntL asserted
Flag Assert Time
ton_flag
200
ms
Time from occurrence of condition triggering flag
to associated flag bit set and IntL asserted
Mask Assert Time
ton_mask
100
ms
Time from mask bit set4 until associated IntL
assertion is inhibited
Mask De-assert Time
toff_mask
100
ms
Time from mask bit cleared4 until associated
IntlL operation resumes
ModSelL Assert Time
ton_ModSelL
100
μs
Time from assertion of ModSelL until module
responds to data transmission over the 2-wire
serial bus
ModSelL Deassert Time
toff_ModSelL
100
μs
Time from deassertion of ModSelL until the
module does not respond to data transmission
over the 2-wire serial bus
Power_over-ride or
ton_Pdown
100
ms
Time from P_Down bit set 4 until module power



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com