Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLOS602 Datasheet(PDF) 11 Page - Texas Instruments

Part # SLOS602
Description  This users guide describes the characteristics, operation, and use of the TLV320AIC3204EVM-K.
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SLOS602 Datasheet(HTML) 11 Page - Texas Instruments

Back Button SLOS602 Datasheet HTML 7Page - Texas Instruments SLOS602 Datasheet HTML 8Page - Texas Instruments SLOS602 Datasheet HTML 9Page - Texas Instruments SLOS602 Datasheet HTML 10Page - Texas Instruments SLOS602 Datasheet HTML 11Page - Texas Instruments SLOS602 Datasheet HTML 12Page - Texas Instruments SLOS602 Datasheet HTML 13Page - Texas Instruments SLOS602 Datasheet HTML 14Page - Texas Instruments SLOS602 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 53 page
background image
www.ti.com
AIC3204 Control Software
4
AIC3204 Control Software
The AIC3204 Control Software (CS) is an intuitive, easy-to-use, powerful tool to learn, evaluate, and
control the TLV320AIC3204. This tool was specifically designed to make learning the TLV320AIC3204
software easy. The following sections describe the operation of this software.
NOTE:
For configuration of the codec, the TLV320AIC3204 block diagram located in the
TLV320AIC3204 data sheet is a good reference to help determine the signal routing.
4.1
Main Panel Window
The Main Panel window, shown in Figure 2, provides easy access to all the features of the AIC3204 CS.
The Firmware Name and Version boxes provide information about the firmware loaded into the EVM's
EEPROM.
The USB-MODEVM Interface drop-down menu allows the user to select which communication protocol
the TAS1020B USB Controller uses to communicate with the TLV320AIC3204 or to toggle the TAS1020B
GPIO pins. The TLV320AIC3204 supports I
2C Standard, I2C Fast, and 8-bit register SPI. The USB-
MODEVM Interface selection is global to all panels, including the Command-Line Interface. To
communicate to the TLV320AIC3204 using SPI, SW1 must be switched towards SPI and W14 must be
set to 1-2 on the TLV320AIC3204EVM.
The Panel Selection Tree provides access to typical configurations, features, and other panels that allow
the user to control the TLV320AIC3204. The tree is divided into several categories which contain items
that pop up panels. A panel can be opened by double-clicking any item inside a category in the Panel
Selection Tree.
Below the Panel Selection Tree are three buttons that pop up the following:
•
Status Flags - Allows the user to monitor the TLV320AIC3204 status flags.
•
Register Tables - A tool to monitor register pages.
•
Command-Line Interface - A tool to execute/generate scripts and monitor register activity.
The USB LED indicates if the EVM kit is recognized by the software and the ACTIVITY LED illuminates
every time a command request is sent.
The dialog box at the bottom of the Main Panel provides feedback of the current status of the software.
11
SLAU266A – October 2008 – Revised October 2012
TLV320AIC3204EVM-K
Submit Documentation Feedback
Copyright © 2008–2012, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com