Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLOS602 Datasheet(PDF) 17 Page - Texas Instruments

Part # SLOS602
Description  This users guide describes the characteristics, operation, and use of the TLV320AIC3204EVM-K.
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SLOS602 Datasheet(HTML) 17 Page - Texas Instruments

Back Button SLOS602 Datasheet HTML 13Page - Texas Instruments SLOS602 Datasheet HTML 14Page - Texas Instruments SLOS602 Datasheet HTML 15Page - Texas Instruments SLOS602 Datasheet HTML 16Page - Texas Instruments SLOS602 Datasheet HTML 17Page - Texas Instruments SLOS602 Datasheet HTML 18Page - Texas Instruments SLOS602 Datasheet HTML 19Page - Texas Instruments SLOS602 Datasheet HTML 20Page - Texas Instruments SLOS602 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 53 page
background image
www.ti.com
AIC3204 Control Software
4.1.2.2
Automatic Gain Control
The left-channel Automatic Gain Control (AGC) can be enabled by checking the Enable Left AGC box
(Figure 10). Pressing the Capture Audio button records the left-channel audio. Its corresponding data is
displayed in the audio capture graph window. The small white window located at the bottom right of the
AGC tab displays the audio waveform of the recorded data. Ensure that the AIC32x4 EVM is selected as
the computer's default audio capture device before pressing this button. To set the TLV320AIC3204EVM-
K as the default audio device, open the Windows Control Panel
→ Sounds and Audio Devices Properties
and set the AIC32x4 EVM as the default audio recording device. Also, do not use any other media player
or audio recording software while the control software is recording.
The target level and noise threshold parameters can be modified by dragging the horizontal cursor lines
located at the audio capture graph window. Its numeric values are displayed to the right of the graph.
Noise threshold can be disabled by unchecking the Enable Noise Threshold box. The AGC Max Gain
control sets the maximum allowed AGC PGA Gain. The AGC Gain indicator bar continuously displays the
contents of Page 0/Register 93 if the Enable Polling box is checked.
Other parameters can be accessed by checking the Advanced? box. For more information about AGC,
see the Information tab and the data sheet.
Other flags related to this feature can be accessed at the Status Flags panel.
Figure 10. Automatic Gain Control Panel
17
SLAU266A – October 2008 – Revised October 2012
TLV320AIC3204EVM-K
Submit Documentation Feedback
Copyright © 2008–2012, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com