Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACEX1K Datasheet(PDF) 29 Page - Altera Corporation

Part # ACEX1K
Description  Programmable Logic Device Family
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

ACEX1K Datasheet(HTML) 29 Page - Altera Corporation

Back Button ACEX1K Datasheet HTML 25Page - Altera Corporation ACEX1K Datasheet HTML 26Page - Altera Corporation ACEX1K Datasheet HTML 27Page - Altera Corporation ACEX1K Datasheet HTML 28Page - Altera Corporation ACEX1K Datasheet HTML 29Page - Altera Corporation ACEX1K Datasheet HTML 30Page - Altera Corporation ACEX1K Datasheet HTML 31Page - Altera Corporation ACEX1K Datasheet HTML 32Page - Altera Corporation ACEX1K Datasheet HTML 33Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 86 page
background image
Altera Corporation
29
ACEX 1K Programmable Logic Device Family Data Sheet
13
Figure 14. ACEX 1K Interconnect Resources
I/O Element
An IOE contains a bidirectional I/O buffer and a register that can be used
either as an input register for external data that requires a fast setup time
or as an output register for data that requires fast clock-to-output
performance. In some cases, using an LE register for an input register will
result in a faster setup time than using an IOE register. IOEs can be used
as input, output, or bidirectional pins. The compiler uses the
programmable inversion option to invert signals from the row and
column interconnect automatically where appropriate. For bidirectional
registered I/O implementation, the output register should be in the IOE
and the data input and output enable registers should be LE registers
placed adjacent to the bidirectional pin. Figure 15 shows the bidirectional
I/O registers.
I/O Element (IOE)
Row
Interconnect
IOE
IOE
IOE
IOE
Column
Interconnect
LAB
B1
See Figure 17
for details.
See Figure 16
for details.
LAB
A3
LAB
B3
LAB
A1
LAB
A2
LAB
B2
IOE
IOE
Cascade &
To LAB B4
To LAB A4
To LAB B5
To LAB A5
IOE
IOE
IOE
IOE
IOE
IOE
IOE
IOE
IOE
IOE
IOE
IOE
IOE
IOE
Carry Chains



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com