Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACEX1K Datasheet(PDF) 44 Page - Altera Corporation

Part # ACEX1K
Description  Programmable Logic Device Family
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

ACEX1K Datasheet(HTML) 44 Page - Altera Corporation

Back Button ACEX1K Datasheet HTML 40Page - Altera Corporation ACEX1K Datasheet HTML 41Page - Altera Corporation ACEX1K Datasheet HTML 42Page - Altera Corporation ACEX1K Datasheet HTML 43Page - Altera Corporation ACEX1K Datasheet HTML 44Page - Altera Corporation ACEX1K Datasheet HTML 45Page - Altera Corporation ACEX1K Datasheet HTML 46Page - Altera Corporation ACEX1K Datasheet HTML 47Page - Altera Corporation ACEX1K Datasheet HTML 48Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 86 page
background image
44
Altera Corporation
ACEX 1K Programmable Logic Device Family Data Sheet
Figure 20. ACEX 1K JTAG Waveforms
Table 17 shows the timing parameters and values for ACEX 1K devices.
TDO
TCK
tJPZX
t
JPCO
tJPH
t JPXZ
tJCP
tJPSU
t JCL
tJCH
TDI
TMS
Signal
to Be
Captured
Signal
to Be
Driven
t
JSZX
tJSSU
tJSH
t
JSCO
tJSXZ
Table 17. ACEX 1K JTAG Timing Parameters & Values
Symbol
Parameter
Min
Max
Unit
tJCP
TCK
clock period
100
ns
tJCH
TCK
clock high time
50
ns
tJCL
TCK
clock low time
50
ns
tJPSU
JTAG port setup time
20
ns
tJPH
JTAG port hold time
45
ns
tJPCO
JTAG port clock to output
25
ns
tJPZX
JTAG port high impedance to valid output
25
ns
tJPXZ
JTAG port valid output to high impedance
25
ns
tJSSU
Capture register setup time
20
ns
tJSH
Capture register hold time
45
ns
tJSCO
Update register clock to output
35
ns
tJSZX
Update register high impedance to valid output
35
ns
tJSXZ
Update register valid output to high impedance
35
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com