Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC82002DRXR Datasheet(PDF) 13 Page - Texas Instruments

Part # DAC82002DRXR
Description  DAC82002 16-Bit, Low-Glitch, Dual-Channel Voltage-Output, Unbuffered DAC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC82002DRXR Datasheet(HTML) 13 Page - Texas Instruments

Back Button DAC82002DRXR Datasheet HTML 9Page - Texas Instruments DAC82002DRXR Datasheet HTML 10Page - Texas Instruments DAC82002DRXR Datasheet HTML 11Page - Texas Instruments DAC82002DRXR Datasheet HTML 12Page - Texas Instruments DAC82002DRXR Datasheet HTML 13Page - Texas Instruments DAC82002DRXR Datasheet HTML 14Page - Texas Instruments DAC82002DRXR Datasheet HTML 15Page - Texas Instruments DAC82002DRXR Datasheet HTML 16Page - Texas Instruments DAC82002DRXR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
7.3 Feature Description
7.3.1 Digital-to-Analog Converter (DAC) Architecture
Each output channel in the DAC82002 device consists of a segmented R-2R architecture. Figure 7-1 shows
a block diagram of the DAC architecture. The four MSBs of the 16-bit data word are decoded to drive 15
switches, E1 to E15. Each of these switches connects one of 15 matched resistors to either AGND or VREF. The
remaining 12 bits of the data word drive switches S0 to S11 of a 12-bit voltage mode R-2R ladder network.
R
R
2R
GND
2R
2R
2R
2R
2R
2R
VOUT
S0
VREF
12-Bit R-2R Ladder
4 MSBs Decoded into
15 Equal Segments
S1
S11
E1
E2
E15
Figure 7-1. DAC82002 DAC Block Diagram
7.3.1.1 DAC Transfer Function
The input data writes to the individual DAC data registers in straight binary format. After a power-on or a reset
event, all DAC registers are set to zero code (RSTSEL = AGND) or midscale code (RSTSEL = VDD). The DAC
transfer function is shown by Equation 1.
VOUT=DAC_DATA2N×VREF
(1)
where:
• N = 16 (resolution in bits)
• DAC_DATA = decimal equivalent of the binary code that is loaded to the DAC register (address 8h),
DAC_DATA ranges from 0 to 2N – 1
• VREF = DAC external reference voltage. VREF ranges from 2.0 V to VDD
7.3.1.2 DAC Register Structure
Data written to the DAC data registers are initially stored in the DAC buffer registers. The update mode of the
DAC output is determined by the status of the DAC_SYNC_EN bit (address 2h).
In asynchronous mode (default, DAC_SYNC_EN = 0), a write to the DAC buffer register results in an immediate
update of the DAC active register. The DAC output (VOUTx pins) updates on the rising edge of SYNC.
In synchronous mode (DAC_SYNC_EN = 1), writing to the DAC buffer register does not automatically update
the DAC active register. Instead, the update occurs only after a software LDAC trigger event. A software LDAC
trigger generates through the LDAC bit in the TRIGGER register (address 5h).
www.ti.com
DAC82002
SBASAK1A – AUGUST 2022 – REVISED DECEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: DAC82002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com