Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC82002DRXR Datasheet(PDF) 21 Page - Texas Instruments

Part # DAC82002DRXR
Description  DAC82002 16-Bit, Low-Glitch, Dual-Channel Voltage-Output, Unbuffered DAC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC82002DRXR Datasheet(HTML) 21 Page - Texas Instruments

Back Button DAC82002DRXR Datasheet HTML 17Page - Texas Instruments DAC82002DRXR Datasheet HTML 18Page - Texas Instruments DAC82002DRXR Datasheet HTML 19Page - Texas Instruments DAC82002DRXR Datasheet HTML 20Page - Texas Instruments DAC82002DRXR Datasheet HTML 21Page - Texas Instruments DAC82002DRXR Datasheet HTML 22Page - Texas Instruments DAC82002DRXR Datasheet HTML 23Page - Texas Instruments DAC82002DRXR Datasheet HTML 24Page - Texas Instruments DAC82002DRXR Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
8.2.2 Bipolar Analog Output Configuration
Programmable logic circuits (PLCs) have analog output modules that typically output ±10 V. This bipolar analog
output circuit converts the unipolar DAC output to a bipolar ±10-V output. The key performance parameters
of these circuits are noise and slew rate. The circuit can also be used to force voltage in semiconductor test
applications. Figure 8-4 shows the example configuration using the DAC82002.
DAC82002
+
–
8.25 k
33.2 k
11 k
100 pF
VREF
VOUTB
VOPB
OPA2210
15 V
–15 V
VREF
VDD
+
–
8.25 k
33.2 k
11 k
100 pF
VREF
VOUTA
VOPA
15 V
–15 V
Figure 8-4. Bipolar Analog Output Circuit
8.2.2.1 Design Requirements
• DAC output range: 0 V to 2.5 V
• PLC analog output range: –10 V to +10 V
• Noise: < 3 µV/√Hz
• Slew rate: > 1 V/µs
8.2.2.2 Detailed Design Procedure
The OPA2210 output buffer provides a balance between fast settling, bandwidth, voltage and current noise, and
wide voltage rails. The buffer uses ±15-V voltage rails to make sure there is no voltage clipping. The REF5025
is a low-noise, very low-drift, precise voltage reference and is used to generate a stable 2.5-V reference for this
application. To further reduce noise, use a 100-pF capacitor between the non-inverting input pin and the output
of the OPA2210.
8.2.2.3 Application Curves
Figure 8-5 shows the noise on the buffer output vs frequency using a 100-Hz to 1-MHz frequency sweep with a
grounded reference to isolate the noise in the circuit.
www.ti.com
DAC82002
SBASAK1A – AUGUST 2022 – REVISED DECEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: DAC82002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com