Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP2985-33DBVT Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LP2985-33DBVT
Description  LP2985 150-mA, Low-Noise, Low-Dropout Regulator With Shutdown
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP2985-33DBVT Datasheet(HTML) 5 Page - Texas Instruments

  LP2985-33DBVT Datasheet HTML 1Page - Texas Instruments LP2985-33DBVT Datasheet HTML 2Page - Texas Instruments LP2985-33DBVT Datasheet HTML 3Page - Texas Instruments LP2985-33DBVT Datasheet HTML 4Page - Texas Instruments LP2985-33DBVT Datasheet HTML 5Page - Texas Instruments LP2985-33DBVT Datasheet HTML 6Page - Texas Instruments LP2985-33DBVT Datasheet HTML 7Page - Texas Instruments LP2985-33DBVT Datasheet HTML 8Page - Texas Instruments LP2985-33DBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 41 page
background image
6.4 Thermal Information
THERMAL METRIC (1)
Legacy chip
New chip
UNIT
DBV (SOT23-5)
DBV (SOT23-5)
5 PINS
5 PINS
RθJA
Junction-to-ambient thermal resistance
205.4
178.6
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
78.8
77.9
°C/W
RθJB
Junction-to-board thermal resistance
46.7
47.2
°C/W
ψJT
Junction-to-top characterization parameter
8.3
15.9
°C/W
ψJB
Junction-to-board characterization parameter
46.3
46.9
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
6.5 Electrical Characteristics
specified at TJ = 25°C, VIN = VOUT(nom) + 1.0 V or VIN = 2.5 V (whichever is greater), IOUT = 1 mA, VON/OFF = 2 V, CIN = 1.0
µF, and COUT = 2.2 µF (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP MAX UNIT
∆VOUT
Output voltage tolerance
IL = 1 mA
Legacy chip
(standard
grade)
-1.5
1.5
%
Legacy chip
(A grade)
-1.0
1.0
%
New chip
-0.5
0.5
%
1 mA ≤ IL ≤ 50 mA
Legacy chip
(standard
grade)
-2.5
2.5
%
Legacy chip
(A grade)
-1.5
1.5
%
New chip
-0.5
0.5
%
1 mA ≤ IL ≤ 150 mA
Legacy chip
(standard
grade)
-3.0
3.0
%
Legacy chip
(A grade)
-2.5
2.5
%
New chip
-0.5
0.5
%
1 mA ≤ IL ≤ 50 mA, –40°C ≤ TJ ≤ 125°C
Legacy chip
(standard
grade)
-3.5
3.5
%
Legacy chip
(A grade)
-2.5
2.5
%
New chip
-1
1
%
1 mA ≤ IL ≤ 150 mA, –40°C ≤ TJ ≤ 125°C
Legacy chip
(standard
grade)
-4.0
4.0
%
Legacy chip
(A grade)
-3.5
3.5
%
New chip
-1
1
%
ΔVOUT(ΔVIN) Line Regulation
VO(NOM) + 1 V ≤ VIN ≤ 16 V
Legacy chip
0.007 0.014
%/V
New chip
0.002 0.014
VO(NOM) + 1 V ≤ VIN ≤ 16 V, –40°C ≤ TJ ≤ 125°C
Legacy chip
0.007 0.032
New chip
0.002 0.032
www.ti.com
LP2985
SLVS522Q – JULY 2004 – REVISED DECEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: LP2985



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com