| Electronic Components Datasheet Search |
|
LP2985-33DBVT Datasheet(PDF) 23 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
LP2985-33DBVT Datasheet(HTML) 23 Page - Texas Instruments |
|
23 / 41 page ![]() 8.2 Typical Application Figure 8-2 shows the standard usage of the LP2985 as a low-dropout regulator. VOUT 2.2 µF 10 nF 1 µF VIN 1 ON/OFF 2 GND 3 5 4 BYPASS LP2985 Figure 8-2. LP2985 Typical Application 8.2.1 Design Requirements Minimum COUT value for stability (can be increased without limit for improved stability and transient response) ON/OFF must be actively terminated. Connect to VIN if shutdown feature is not used. Optional BYPASS capacitor for low-noise operation. 8.2.2 Detailed Design Procedure 8.2.2.1 ON/OFF Operation The LP2985 allows for a shutdown mode via the ON/OFF pin. Driving the pin LOW (≤ 0.4 V) turns the device OFF; conversely, a HIGH (≥ 1.2 V) turns the device ON. If the shutdown feature is not used, connect ON/OFF to the input to ensure that the regulator is on at all times. For proper operation, do not leave ON/OFF unconnected. www.ti.com LP2985 SLVS522Q – JULY 2004 – REVISED DECEMBER 2022 Copyright © 2022 Texas Instruments Incorporated Submit Document Feedback 23 Product Folder Links: LP2985 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |