Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXFC96N15P Datasheet(PDF) 3 Page - IXYS Corporation

Part # IXFC96N15P
Description  PolarHT HiPerFET Power MOSFET ISOPLUS220
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFC96N15P Datasheet(HTML) 3 Page - IXYS Corporation

  IXFC96N15P Datasheet HTML 1Page - IXYS Corporation IXFC96N15P Datasheet HTML 2Page - IXYS Corporation IXFC96N15P Datasheet HTML 3Page - IXYS Corporation IXFC96N15P Datasheet HTML 4Page - IXYS Corporation IXFC96N15P Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
© 2006 IXYS All rights reserved
Fig. 2. Exte nde d Output Characte ris tics
@ 25
ºC
0
25
50
75
100
125
150
175
200
0
2
4
6
8
1012
1416
1820
VD S - Volts
VGS = 10V
7V
6V
8V
9V
Fig. 3. Output Characte ristics
@ 150
ºC
0
10
20
30
40
50
60
70
80
90
100
0
0.5
11.5
2
2.5
3
3.544.5
55.5
VD S - Volts
V
GS = 10V
9V
5V
6V
7V
8V
Fig. 1. Output Characte ris tics
@ 25
ºC
0
10
20
30
40
50
60
70
80
90
100
00.5
11.5
22.5
VD S - Volts
V
GS = 10V
9V
7V
6V
8V
Fig. 4. RDS(on
) Nor m alize d to 0.5 ID25
Value vs . Junction Te m pe rature
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
2.8
-50
-25
0
25
50
75
100
125
150
175
TJ - Degrees Centigrade
I
D = 96A
I
D = 48A
V
GS = 10V
Fig. 6. Drain Curre nt vs . Cas e
Te m pe rature
0
10
20
30
40
50
60
70
80
-50
-25
0
25
50
75
100
125
150
175
TC - Degrees Centigrade
External Lead Current
Limit
Fig. 5. RDS(on) Norm alized to
0.5 ID25 Value vs. ID
0.6
1
1.4
1.8
2.2
2.6
3
3.4
3.8
0
50
100
150
200
250
I D - Amperes
TJ = 175ºC
TJ = 25ºC
VGS = 10V
VGS = 15V
IXFC 96N15P
Fig. 6. Drain Curre nt vs. Cas e
Te m pe rature
0
5
10
15
20
25
30
35
40
45
-50
-25
0
25
50
75
100
125
150
175
TC - Degrees Centigrade
I
D = 48 A
I
D = 48 A



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com