Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CTVP00R Datasheet(PDF) 41 Page - Amphenol Corporation

Part # CTVP00R
Description  Subminiature Cylindrical Connectors
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

CTVP00R Datasheet(HTML) 41 Page - Amphenol Corporation

Back Button CTVP00R Datasheet HTML 37Page - Amphenol Corporation CTVP00R Datasheet HTML 38Page - Amphenol Corporation CTVP00R Datasheet HTML 39Page - Amphenol Corporation CTVP00R Datasheet HTML 40Page - Amphenol Corporation CTVP00R Datasheet HTML 41Page - Amphenol Corporation CTVP00R Datasheet HTML 42Page - Amphenol Corporation CTVP00R Datasheet HTML 43Page - Amphenol Corporation CTVP00R Datasheet HTML 44Page - Amphenol Corporation CTVP00R Datasheet HTML 45Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 54 page
background image
39
R2
R1
S
T
TT
VISUAL
INDICATOR NOTCH
FOR TOP C OF
INSERT PATTERN
(SIZE & CONFIGURATION
OPTIONAL)
L
F RADIUS
B
PCB STICKOUT
(SEE SUFFIX CHART BELOW)
G
.020 ± .001
.040 ± .001 (SIZE 20)
.0625 ± .0010 (SIZE 16)
B
PCB STICKOUT
(SEE SUFFIX CHART BELOW)
.050
G
SIZE 22
CONTACT VIEW
SIZE 16 AND 20
CONTACT VIEW
NOTE:
Size 22 accepts .018 to .022 dia. PCB tails.
Size 16 accepts .048 to .064 dia. PCB tails.
Size 20 accepts .037 to .043 dia. PCB tails.
Tri-Start – accessories
universal “header assembly” for flex print or
PC board mounting, cont.
The drawing below shows the standard universal adapter for use with MIL-DTL-38999 and MIL-C-26482 connectors.
Consult Amphenol Aerospace, Sidney NY for drawings of headers for ARINC configurations.
Assembly
Shell
F
G
S
T
R1
R2
TT
Part Number
Size
Radius
± .005
± .005
+ .008
TP†
TP†
+ .008
– .006
– .006
21-904008-XX( )
8/9
.094
.938
.128
.719
.594
.216
21-904010-XX( )
10/11
.094
1.031
.128
.812
.719
.194
21-904012-XX( )
12/13
.094
1.125
.128
.906
.812
.194
21-904014-XX( )
14/15
.125
1.219
.128
.969
.906
.173
21-904016-XX( )
16/17
.125
1.312
.128
1.062
.969
.194
21-904018-XX( )
18/19
.125
1.438
.128
1.156
1.062
.194
21-904020-XX( )
20/21
.125
1.562
.128
1.250
1.156
.194
21-904022-XX( )
22/23
.125
1.688
.154
1.375
1.250
.242
21-904024-XX( )
24/25
.125
1.812
.154
1.500
1.375
.242
Assemblies containing Size 22 contacts only: .175
Assemblies containing Size16 or 20 contacts: .195
See Suffix Chart
† TP designates true position dimensioning.
ASSEMBLY NUMBER SUFFIX CHART
Shell Size
Arrangement
Contact
Designation*
Number
PCB Stickout**
Suffix***
Suffix
B ± .015
Stickout
08
1
.120
10
2
.185
12
3
.270
14
16
18
20
22
24
Insert
Arrangement
Suffix
from
MIL-STD-1560
or MIL-STD-1669
HOW TO ORDER INFORMATION
For Universal Adapter Used with MIL-DTL-38999 Connectors
Use coded number as follows:
21-9040
XX
-
XX
X
Designates Amphenol
Interface Adapter
Shell size designation for
MIL-DTL-38999 Series III.
See Suffix chart.
Arrangement number - See MIL-STD-1560
or MIL-STD-1669. See insert availability charts on
pages 6 and 7.
Contact PCB Stickout designation
See Suffix chart.
Universal adapters are also used with MIL-DTL-38999 Series I and II and with MIL-C-26482,
Series 1 and 2. For how to order information on adapters to be used with ARINC connectors,
consult Amphenol, Sidney NY.
*Shell size designation for MIL-DTL-38999 Series I, II, III and IV and
MIL-C-26482 Series 1 and 2.
Examples: Shell size 9 use 08. Shell size 25 use 24.
** Size 22 contacts available in all 3 stickout lengths.
Size 16 and 20 contacts available only in .185 and .270 lengths.
*** Insert arrangement 14-97 and 15-97 are not available at this time.
Consult Amphenol, Sidney NY for information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com