Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CTVP00R Datasheet(PDF) 21 Page - Amphenol Corporation

Part # CTVP00R
Description  Subminiature Cylindrical Connectors
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

CTVP00R Datasheet(HTML) 21 Page - Amphenol Corporation

Back Button CTVP00R Datasheet HTML 17Page - Amphenol Corporation CTVP00R Datasheet HTML 18Page - Amphenol Corporation CTVP00R Datasheet HTML 19Page - Amphenol Corporation CTVP00R Datasheet HTML 20Page - Amphenol Corporation CTVP00R Datasheet HTML 21Page - Amphenol Corporation CTVP00R Datasheet HTML 22Page - Amphenol Corporation CTVP00R Datasheet HTML 23Page - Amphenol Corporation CTVP00R Datasheet HTML 24Page - Amphenol Corporation CTVP00R Datasheet HTML 25Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 54 page
background image
19
TV26/MTV26 – crimp, metal
CLUTCH-LOK® straight plug for high vibration
and harsh environment applications
The latest in MIL-DTL-38999, Series III Connector Technology is the CLUTCH-LOK. Designed
for high vibration and harsh environments such as aircraft gas turbine engines, it is also an
ideal choice for demanding applications such as aircraft, space and military ground vehicles.
The unique clutch design of the Amphenol CLUTCH-LOK means that you don’t have to
compromise the need for quick, smooth mating of plugs and receptacles in order to get
increased uncoupling torque.
The CLUTCH-LOK has proven to not only remain mated and pass all the Series III specifica-
tion requirements - it also has proven to actually tighten itself under vibration. This is a
powerful advantage over the traditionally high vibration application connectors. The CLUTCH-
LOK is also a tremendous advantage in inaccessible, hard to reach areas where mating
torque is difficult to apply and complete coupling is not verifiable by inspection.
CLUTCH-LOK features and benefits:
•
High degree of differential torque
•
Infinite free coupling and positive metal-to-metal bottoming with each mating
•
No settling back to the next ratchet tooth
•
Available with stainless steel shells and Class K firewall inserts
•
All the advantages of MIL-DTL-38999 Series III including EMI/RFI shielding, electrolytic erosion
resistance and contact protection with recessed pins
•
Enhanced connector performance at affordable prices
•
Completely intermateable with all existing MIL-DTL-38999 Series III connectors
•
Fully QPL’d
Part number reference.
See how to order, pages 43, 44
to complete.
TV26RKXXXXX
TV26RSXXXXX
For parts with MS Stamping
use MTV26( ) part number as
follow:
MTV26RKXXXXX
MTV26RSXXXXX
MS
B Thread
Q
Shell
Shell Size
0.1P-0.3L-TS-2B
Dia.
Size
Code
(Plated)
Max.
9
A
.6250
.858
11
B
.7500
.984
13
C
.8750
1.157
15
D
1.0000
1.280
17
E
1.1875
1.406
19
F
1.2500
1.516
21
G
1.3750
1.642
23
H
1.5000
1.768
25
J
1.6250
1.890
† Blue band indicates rear release contact retention system
All dimensions for reference only.
MS
V
Shell
Shell Size
Q
Thread
Size
Code
Max.
Metric
9
A
21.8
M12X1-6g
11
B
25.0
M15X1-6g
13
C
29.4
M18X1-6g
15
D
32.5
M22X1-6g
17
E
35.7
M25X1-6g
19
F
38.5
M28X1-6g
21
G
41.7
M31X1-6g
23
H
44.9
M34X1-6g
25
J
48.0
M37X1-6g
Inches
Millimeters
1.234 MAX
31.34 MAX
1.220 MAX
31.00 MAX
B THREAD
D
V THREAD
.359 MAX
9.12 MAX
.591 +.003
–.000
15.01 +.08
–.00
BLUE BAND†
Q
1.656 MAX
42.06 MAX
VIEW D
FOR SIZE 8 COAXIAL ONLY,
RELATIVE TO –A–
–A–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com