Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TV07R Datasheet(PDF) 25 Page - Amphenol Corporation

Part # TV07R
Description  Subminiature Cylindrical Connectors
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

TV07R Datasheet(HTML) 25 Page - Amphenol Corporation

Back Button TV07R Datasheet HTML 21Page - Amphenol Corporation TV07R Datasheet HTML 22Page - Amphenol Corporation TV07R Datasheet HTML 23Page - Amphenol Corporation TV07R Datasheet HTML 24Page - Amphenol Corporation TV07R Datasheet HTML 25Page - Amphenol Corporation TV07R Datasheet HTML 26Page - Amphenol Corporation TV07R Datasheet HTML 27Page - Amphenol Corporation TV07R Datasheet HTML 28Page - Amphenol Corporation TV07R Datasheet HTML 29Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 54 page
background image
23
TVPS02Y (D38999/21) – hermetic, metal
box mounting receptacle
† Red band indicates fully mated
NOTE: Consult Amphenol Aerospace for availability of non-glass-sealed versions
with printed circuit tail contacts.
Millimeters
All dimensions for reference only
Designates true position dimensioning
Inches
MS
Shell
Shell Size
R1
R2
ST
TT
Size
Code
±.25
±.20
±.20
9
A
18.26
15.09
23.83
3.25
5.49
11
B
20.62
18.26
26.19
3.25
4.93
13
C
23.01
20.62
28.58
3.25
4.93
15
D
24.61
23.01
30.96
3.25
4.39
17
E
26.97
24.61
33.32
3.25
4.93
19
F
29.36
26.97
36.53
3.25
4.93
21
G
31.75
29.36
39.67
3.25
4.93
23
H
34.93
31.75
42.88
3.91
6.15
25
J
38.10
34.93
46.02
3.91
6.15
MS
B Thread
Shell
Class 2A
Shell
Size
0.1P-0.3L-TS
R1
R2
S
T
TT
Size
Code
(Plated)
±.010
±.008
±.008
9
A
.6250
.719
.594
.938
.128
.216
11
B
.7500
.812
.719
1.031
.128
.194
13
C
.8750
.906
.812
1.125
.128
.194
15
D
1.0000
.969
.906
1.219
.128
.173
17
E
1.1875
1.062
.969
1.312
.128
.194
19
F
1.2500
1.156
1.062
1.438
.128
.194
21
G
1.3750
1.250
1.156
1.562
.128
.194
23
H
1.5000
1.375
1.250
1.688
.154
.242
25
J
1.6250
1.500
1.375
1.812
.154
.242
Part number reference.
See how to order, pages 43, 44
to complete.
TVPS02Y-XX-XXX
TVPS02YN-XX-XXX
D38999/21
S
2 PLACES
R
R2
1
2 PLACES
2 PLACES
TT
4 PLACES
.005
.13
M
M
T
4 PLACES
B THREAD
RED
BAND†
.250 MAX
6.35 MAX
1
.913 +.011
–.000
23.19 +.28
–.00
.093 +.006
–.000
2.36 +.15
–.00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com