Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TV07R Datasheet(PDF) 19 Page - Amphenol Corporation

Part # TV07R
Description  Subminiature Cylindrical Connectors
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

TV07R Datasheet(HTML) 19 Page - Amphenol Corporation

Back Button TV07R Datasheet HTML 15Page - Amphenol Corporation TV07R Datasheet HTML 16Page - Amphenol Corporation TV07R Datasheet HTML 17Page - Amphenol Corporation TV07R Datasheet HTML 18Page - Amphenol Corporation TV07R Datasheet HTML 19Page - Amphenol Corporation TV07R Datasheet HTML 20Page - Amphenol Corporation TV07R Datasheet HTML 21Page - Amphenol Corporation TV07R Datasheet HTML 22Page - Amphenol Corporation TV07R Datasheet HTML 23Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 54 page
background image
17
MS
M
M1
A1
A2
LL
Shell
L
L1
+.00
+.00
Z
Z1
Back
Front
+.15
LL1
Shell
Size
Max.
Max.
–.13
–.13
R1
R2
S
T
Max.
Max.
Panel
Panel
AA
–.00
±.13
TT
Size
Code
(TV)
(CTV)
(TV)
(CTV)
Max
±.20
(TV)
(CTV)
Mount
Mount
Max.
(TV)
(CTV) ±.20
9
A
5.21
6.35
20.83
19.63
18.26
15.09
24.1
3.25
3.89
5.03
16.66
13.11
5.94 22.99 23.06 5.49
11
B
5.21
6.35
20.83
19.63
20.62
18.26
26.5
3.25
3.89
5.03
20.22
15.88
5.94 22.99 23.06 4.93
13
C
5.21
6.35
20.83
19.63
23.01
20.62
28.9
3.25
3.89
5.03
23.42
19.05
5.94 22.99 23.06 4.93
15
D
5.21
6.35
20.83
19.63
24.61
23.01
31.3
3.25
3.89
5.03
26.59
23.01
5.94 22.99 23.06 4.39
17
E
5.21
6.35
20.83
19.63
26.97
24.61
33.7
3.25
3.89
5.03
30.96
25.81
5.94 22.99 23.06 4.93
19
F
5.21
6.35
20.83
19.63
29.36
26.97
36.9
3.25
3.89
5.03
32.94
28.98
5.94 22.99 23.06 4.93
21
G
5.97
7.11
20.07
18.82
31.75
29.36
40.1
3.25
4.65
5.79
36.12
32.16
5.18 22.99 22.96 4.93
23
H
5.97
7.11
20.07
18.82
34.92
31.75
43.3
3.91
4.65
5.79
39.29
34.93
5.18 22.99 22.96 6.15
25
J
5.97
7.11
20.07
18.82
38.10
34.92
46.4
3.91
4.65
5.79
42.47
37.69
5.18 22.99 22.96 6.15
TVP02R – crimp, metal
CTVP02R – crimp, composite
box mounting receptacle
† Red band indicates fully mated
†† Blue band indicates rear release contact retention system
Consult Amphenol Aerospace for availability of composite box mount receptacles.
MS
B Thread
M
M1
A1
A2
AA
LL
Shell
Class 2A
L
L1
+.000 +.000
Z
Z1
Back
Front
Max.
+.006
LL1
Shell
Size 0.1P-0.3L-TS Max.
Max. –.005 –.005
R1
R2
S
T
Max.
Max.
Panel Panel
Panel
–.000 ±.005
TT
Size
Code
(Plated)
(TV)
(CTV)
(TV)
(CTV)
Max. ±.008 (TV)
(CTV) Mount Mount Thickness (TV)
(CTV) ±.008
9
A
.6250
.205
.250
.820
.773
.719
.594
.948
.128
.153
.198
.650
.510
.234
.905
.908
.216
11
B
.7500
.205
.250
.820
.773
.812
.719
1.043 .128
.153
.198
.800
.620
.234
.905
.908
.194
13
C
.8750
.205
.250
.820
.773
.906
.812
1.137 .128
.153
.198
.910
.740
.234
.905
.908
.194
15
D
1.0000
.205
.250
.820
.773
.969
.906
1.232 .128
.153
.198
1.040
.900
.234
.905
.908
.173
17
E
1.1875
.205
.250
.820
.773 1.062
.969
1.323 .128
.153
.198
1.210 1.010
.234
.905
.908
.194
19
F
1.2500
.205
.250
.820
.773 1.156 1.062 1.449 .128
.153
.198
1.280 1.130
.234
.905
.908
.194
21
G
1.3750
.235
.280
.790
.741 1.250 1.156 1.575 .128
.183
.228
1.410 1.250
.204
.905
.904
.194
23
H
1.5000
.235
.280
.790
.741 1.375 1.250 1.701 .154
.183
.228
1.530 1.360
.204
.905
.904
.242
25
J
1.6250
.235
.280
.790
.741 1.500 1.375 1.823 .154
.183
.228
1.660 1.470
.204
.905
.904
.242
Millimeters
Inches
M (TV)
M (CTV)
LL (TV)
LL (CTV)
1
1
AA
B
THREAD
BLUE
BAND††
RED
BAND†
L (TV)
L (CTV)
1
Z (TV)
Z (CTV)
1
M
M
.005
.13
T
4 PLACES
TT
4 PLACES
S
2 PLACES
2 PLACES
2 PLACES
R1
R2
All dimensions for reference only
Designates true position dimensioning
BACK PANEL
MOUNTING
FRONT PANEL
MOUNTING
A1
A2
PANEL HOLE
DIMENSIONS
Part number reference.
See how to order, pages 43-46
to complete.
TVP02RW-XX-XXX
TVPS02RK-XX-XXX
TVPS02RF-XX-XXX
TVPS02RS-XX-XXX
CTVP02RW-XX-XXX
CTVPS02RF-XX-XXX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com