Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMT8310 Datasheet(PDF) 8 Page - ANADIGICS, Inc

Part # AMT8310
Description  2.5 Gb/s 850 nm PIN-TIA
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

AMT8310 Datasheet(HTML) 8 Page - ANADIGICS, Inc

  AMT8310 Datasheet HTML 1Page - ANADIGICS, Inc AMT8310 Datasheet HTML 2Page - ANADIGICS, Inc AMT8310 Datasheet HTML 3Page - ANADIGICS, Inc AMT8310 Datasheet HTML 4Page - ANADIGICS, Inc AMT8310 Datasheet HTML 5Page - ANADIGICS, Inc AMT8310 Datasheet HTML 6Page - ANADIGICS, Inc AMT8310 Datasheet HTML 7Page - ANADIGICS, Inc AMT8310 Datasheet HTML 8Page - ANADIGICS, Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
WARNING
ANADIGICS products are not intended for use in life support appliances, devices or systems. Use of an ANADIGICS product in
any such application without written consent is prohibited.
IMPORTANT NOTICE
ANADIGICS, Inc.
141 Mount Bethel Road
Warren, New Jersey 07059, U.S.A.
Tel: +1 (908) 668-5000
Fax: +1 (908) 668-5132
URL: http://www.anadigics.com
E-mail: Mktg@anadigics.com
ANADIGICS, Inc. reserves the right to make changes to its products or to discontinue any product at any time without notice. The
product specifications contained in Advanced Product Information sheets and Preliminary Data Sheets are subject to change
prior to a product’s formal introduction. Information in Data Sheets have been carefully checked and are assumed to be reliable;
however, ANADIGICS assumes no responsibilities for inaccuracies. ANADIGICS strongly urges customers to verify that the
information they are using is current before placing orders.
PRELIMINARY DATA SHEET - Rev 1.0
09/2003
8
AMT8310
ORDERING INFORMATION
R
E
B
M
U
N
R
E
D
R
O
E
G
A
K
C
A
P
N
O
I
T
P
O
N
O
I
T
P
I
R
S
E
D
E
G
A
K
C
A
P
L
6
4
T
0
1
3
8
T
M
AL
6
4
-
O
Te
g
a
k
c
a
P
s
n
e
L



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com