Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMT8310 Datasheet(PDF) 1 Page - ANADIGICS, Inc

Part # AMT8310
Description  2.5 Gb/s 850 nm PIN-TIA
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

AMT8310 Datasheet(HTML) 1 Page - ANADIGICS, Inc

  AMT8310 Datasheet HTML 1Page - ANADIGICS, Inc AMT8310 Datasheet HTML 2Page - ANADIGICS, Inc AMT8310 Datasheet HTML 3Page - ANADIGICS, Inc AMT8310 Datasheet HTML 4Page - ANADIGICS, Inc AMT8310 Datasheet HTML 5Page - ANADIGICS, Inc AMT8310 Datasheet HTML 6Page - ANADIGICS, Inc AMT8310 Datasheet HTML 7Page - ANADIGICS, Inc AMT8310 Datasheet HTML 8Page - ANADIGICS, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
09/2003
Offset
Control
DC Compensation
Low
Pass
Filter
VOUTP
VOUTN
1
3
P
IN
4
R
F
VCC
2
AMT8310
2.5 Gb/s 850 nm PIN-TIA
PRELIMINARY DATA SHEET - Rev 1.0
FEATURES
•
2.5 Gb/s Differential Output TIA
•
3.3 V Operation
•
1800 MHz Bandwidth
•
-23 dBm Typical Sensitivity
•
0 dBm Optical Overload
•
100 µm 850 nm PIN Photodetector
•
Ambient Temperature Range: -40 to +85 °C
APPLICATIONS
•
SONET OC-48/SDH STM-16 (2.488 Gb/s)
•
2 x Fibre Channel (2.125 Gb/s)
•
2.5 Gb/s Infiniband
•
Fibre Channel/Gigabit Ethernet (1.0625/1.25 Gb/s)
Figure 1: Functional Block Diagram
PRODUCT DESCRIPTION
The ANADIGICS AMT8310, packaged in a 4 pin
TO-46 lens can, is a 3.3 V integrated photodetector
and transimpedance amplifier (TIA) used to convert
a short wavelength (850 nm) input optical signal into
a differential output voltage. The AMT8310 has a
bandwidth of 1.8 GHz, a dynamic range of over
23 dB and a sensitivity of -23 dBm. These devices
are readily designed into receivers, transceivers
and transponders for SONET, Fibre Channel and
Infiniband applications.
T46L
TO-46 Ball
Lens Package


Similar Part No. - AMT8310

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AMT8312 ANADIGICS-AMT8312 Datasheet
242Kb / 8P
2.5 Gb/s 850 nm PIN-TIA
09/2003
AMT8312T46L ANADIGICS-AMT8312T46L Datasheet
242Kb / 8P
2.5 Gb/s 850 nm PIN-TIA
09/2003
More results

Similar Description - AMT8310

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MG2C-8012 ETC-MG2C-8012 Datasheet
193Kb / 2P
2.5 Gbps 850 nm PIN-TIA
logo
ANADIGICS, Inc
AMT8210 ANADIGICS-AMT8210 Datasheet
218Kb / 4P
1.25 Gb/s 1310/1550nm PIN-TIA
Rev 1.1
AMT8312 ANADIGICS-AMT8312 Datasheet
242Kb / 8P
2.5 Gb/s 850 nm PIN-TIA
09/2003
AMT8410 ANADIGICS-AMT8410 Datasheet
180Kb / 8P
2.5 Gb/s 1310/1550nm PIN-TIA
09/2002
AMT8412 ANADIGICS-AMT8412 Datasheet
220Kb / 4P
2.5 Gb/s 1310/1550nm PIN-TIA
Rev 0.1
AMT8630 ANADIGICS-AMT8630 Datasheet
166Kb / 4P
10 Gb/s 1310/1550nm PIN-TIA
01/2006
AMT8650 ANADIGICS-AMT8650 Datasheet
161Kb / 4P
10 Gb/s 1310/1550nm PIN-TIA
01/2006
logo
Optoway Technology Inc
GBM-9000G OPTOWAY-GBM-9000G Datasheet
86Kb / 4P
5V / 850 nm / 2.5 Gb/s Multi-Mode Gigabit Interface Converter (GBIC)
logo
JDS Uniphase Corporatio...
PL-DD0-00-S30-C0 JDSU-PL-DD0-00-S30-C0 Datasheet
146Kb / 3P
850 nm 2.5 G GaAs PIN Die
logo
Optoway Technology Inc
SPM-9100V-1TG OPTOWAY-SPM-9100V-1TG Datasheet
144Kb / 5P
850 nm / 3 Gb/s Single Optical Multi-Mode Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com