Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AWS5516 Datasheet(PDF) 1 Page - ANADIGICS, Inc

Part # AWS5516
Description  GaAs IC SPDT Reflective Switch DC-2.0 GHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

AWS5516 Datasheet(HTML) 1 Page - ANADIGICS, Inc

  AWS5516 Datasheet HTML 1Page - ANADIGICS, Inc AWS5516 Datasheet HTML 2Page - ANADIGICS, Inc AWS5516 Datasheet HTML 3Page - ANADIGICS, Inc AWS5516 Datasheet HTML 4Page - ANADIGICS, Inc AWS5516 Datasheet HTML 5Page - ANADIGICS, Inc AWS5516 Datasheet HTML 6Page - ANADIGICS, Inc AWS5516 Datasheet HTML 7Page - ANADIGICS, Inc AWS5516 Datasheet HTML 8Page - ANADIGICS, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
FEATURES
01-03
S14
SOT-26
6 Pin Plastic Package
•
High Linearity (IP3 48 dBm @ 0.9 GHz)
•
Low Insertion Loss (0.4 dB @ 0.9 GHz)
•
2.7 V to 6V Operation
•
Low DC Power Consumption
•
Ultra Miniature SOT-26 Package
•
High Isolation
AWS5516
GaAs IC
SPDT Reflective Switch DC-2.0 GHz
PRELIMINARY DATA SHEET - Rev 1.2
PRODUCT DESCRIPTION
The AWS5516 is a Single Pole Double Throw (SPDT)
GaAs MMIC switch assembled in a SOT-26 plastic
package. The AWS5516 is designed for applications
that require low insertion loss, high isolation, high
linearity, and small size. The switch can be controlled
with positive, negative, or a combination of both
voltages.
•
Transmit/receive switch
•
Diversity switching
•
Antenna selection
APPLICATIONS
Pin
Function
Description
1
RF
OUT 1 (J2)
RF port can be used as an input or as an output.
2
GND
Ground connection. Keep as short as possible.
3
RF
OUT 2 (J3)
RF port can be used as an input or an ouput.
4
V2
Control Voltage 2, Low 0V , High 3V to 5V
5
RF
IN (J1)/Vs
RF common port and bias voltage for positive
control (3V to 5V).
6
V1
Control Voltage 1, Low 0V , High 3V to 5V
Notes:
1. DC blocking capacitors C1,2,3 and optional resistor Rs must be supplied externally.
2. C1,2,3 = 100 pF for operation >500MHz.
3. The use of resistor Rs to the positive voltage supply is optional. It is only required if it is necessary to
independently control the RF ports, such as selecting both ports to be OFF at the same time.
1
2
3
4
5
6
GND
V1
V2
Vs
Optional Rs
see Note 3
C
3
C
2
C
1
RF
out1
(J2)
RF
out2
(J3)
RF
i n
(J1)
Figure 1: Pin Layout
Table 1: Pin Description


Similar Part No. - AWS5516

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWS5518 ANADIGICS-AWS5518 Datasheet
105Kb / 8P
GaAs IC SPDT Reflective Switch DC-2.0 GHz
Rev 1.0
AWS5518S14 ANADIGICS-AWS5518S14 Datasheet
105Kb / 8P
GaAs IC SPDT Reflective Switch DC-2.0 GHz
Rev 1.0
More results

Similar Description - AWS5516

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
AS006M2-93 ALPHA-AS006M2-93 Datasheet
47Kb / 2P
GaAs IC SPDT Switch Non-Reflective DC-6 GHz
AS209-321 ALPHA-AS209-321 Datasheet
185Kb / 3P
GaAs IC Reflective SPDT DC-6 GHz
logo
ANADIGICS, Inc
AWS5504-S14 ANADIGICS-AWS5504-S14 Datasheet
293Kb / 3P
GaAs IC High Power Positive Control SPDT Reflective Switch DC-2.0 GHz
REV 1
logo
Alpha Industries
AS002M2-12 ALPHA-AS002M2-12 Datasheet
25Kb / 2P
GaAs IC SPDT Switch Non-Reflective DC-2.5 GHz
logo
ANADIGICS, Inc
AWS5504 ANADIGICS-AWS5504 Datasheet
74Kb / 8P
GaAs IC Negative Control SPDT Reflective Switch DC-2.0 GHz
Rev 2.1
logo
Skyworks Solutions Inc.
AS338-12 SKYWORKS-AS338-12 Datasheet
426Kb / 2P
GaAs IC SPDT Switch Non-Reflective DC-2.5 GHz
logo
ANADIGICS, Inc
AWS5518 ANADIGICS-AWS5518 Datasheet
105Kb / 8P
GaAs IC SPDT Reflective Switch DC-2.0 GHz
Rev 1.0
logo
Skyworks Solutions Inc.
AS229-350 SKYWORKS-AS229-350 Datasheet
139Kb / 2P
GaAs IC SPDT Switch Non-Reflective DC-6 GHz
logo
Hexawave, Inc
HWS2152 HW-HWS2152 Datasheet
116Kb / 2P
GaAs DC-2.0 GHz SPDT Switch
HWS2702 HW-HWS2702 Datasheet
115Kb / 2P
GaAs DC-2.0 GHz SPDT Switch
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com