Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AWT6201 Datasheet(PDF) 1 Page - ANADIGICS, Inc

Part # AWT6201
Description  GSM850/GSM900/DCS/PCS Quad Band PowerPlexer with Integrated Power Control
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

AWT6201 Datasheet(HTML) 1 Page - ANADIGICS, Inc

  AWT6201 Datasheet HTML 1Page - ANADIGICS, Inc AWT6201 Datasheet HTML 2Page - ANADIGICS, Inc AWT6201 Datasheet HTML 3Page - ANADIGICS, Inc AWT6201 Datasheet HTML 4Page - ANADIGICS, Inc AWT6201 Datasheet HTML 5Page - ANADIGICS, Inc AWT6201 Datasheet HTML 6Page - ANADIGICS, Inc AWT6201 Datasheet HTML 7Page - ANADIGICS, Inc AWT6201 Datasheet HTML 8Page - ANADIGICS, Inc AWT6201 Datasheet HTML 9Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
01/2004
AWT6201
GSM850/GSM900/DCS/PCS
Quad Band PowerPlexerTM
with Integrated Power Control
Advanced Product Information - Rev 0.7
FEATURES
•
ANADIGICS developed technologies
(InGaP HBT/pHEMT/IPP)
•
Proven high volume low cost laminate/
overmold technology
•
Integrated Power Control (CMOS)
•
Integrated PA/SW/LPF
•
High Gain InGaP HBT PAs
•
Low loss receive paths
•
High isolation switch (TX to RX, RX on/off)
•
Fully compliant GSM harmonic performance
•
ESD protected antenna port (12kV)
•
Small footprint (10.5mm x 11.0mm x 1.55mm)
•
GPRS capable (class 12)
•
Power control range >50dB
APPLICATIONS
•
Quad band handsets and PDAs
•
Configurable for Tri Band/UMTS handsets
PRODUCT DESCRIPTION
The AWT6201 is the second generation GSM
PowerPlexerTM. It has been developed to minimize
time to market for GSM handset/PDA designers.
The module requires only the most basic RF
decoupling, all the RF ports are 50
Ω, and interfaces
directly with the baseband power control DAC. The
solution includes integrated power control, two dual
band power amplifiers to support GSM850/900/DCS/
PCS, harmonic filtering and RX/TX switching.
The power amplifiers support class 12 GPRS, 4 TX
slots at 50% duty cycle, using three stage InGaP HBT
PAs. The pHEMT switches support 4 RX ports to in-
terface with external RX SAW filters and the filtering
is achieved using integrated passives technology.
The integrated power control scheme reduces the
number of external components associated with a
power control function, and facilitates fast and easy
production calibration. The power control range is
typically 55dB.
Figure 1: Functional Block Diagram
Logic/P ower
C ontroller
VR AMP
CNTL_1
CNTL_2
CNTL_3
VR E G
DC S/P C S_IN
GS M_IN
G S M850/900
DC S /P C S
G S M850_R X
G S M900_R X
ANT
DC S _R X
PC S _R X
VB ATT


Similar Part No. - AWT6201

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWT6202 ANADIGICS-AWT6202 Datasheet
209Kb / 12P
GSM850/GSM900/DCS/PCS Quad Band PowerPlexer with Integrated Power Control
Rev 0.3
More results

Similar Description - AWT6201

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF3146 RFMD-RF3146 Datasheet
317Kb / 18P
QUAD-BAND GSM850/GSM900/DCS/PCS POWER AMP MODULE
logo
List of Unclassifed Man...
RF3140PCBA ETC1-RF3140PCBA Datasheet
253Kb / 16P
QUAD-BAND GSM850/GSM900/DCS/PCS PCS
logo
ANADIGICS, Inc
AWT6108R ANADIGICS-AWT6108R Datasheet
276Kb / 12P
GSM850/GSM900/DCS/PCS Quad Band Power Amplifier Module With Integrated Power Control
Rev 1.0
AWT6123 ANADIGICS-AWT6123 Datasheet
214Kb / 10P
GSM850/GSM900/DCS/PCS Quad Band Power Amplifier
Rev 0.7
AWT6166 ANADIGICS-AWT6166 Datasheet
246Kb / 12P
GSM850/GSM900/DCS/PCS Quad Band Power Amplifier Module With Integrated Power Control
Rev 0.3
AWT6166R ANADIGICS-AWT6166R Datasheet
421Kb / 12P
GSM850/GSM900/DCS/PCS Quad Band Power Amplifier Module With Integrated Power Control
Rev 2.0
AWT6202 ANADIGICS-AWT6202 Datasheet
209Kb / 12P
GSM850/GSM900/DCS/PCS Quad Band PowerPlexer with Integrated Power Control
Rev 0.3
logo
RF Micro Devices
RF5146 RFMD-RF5146 Datasheet
1,012Kb / 18P
QUAD-BAND GSM850/GSM900/DCS/PCS POWER AMP MODULE
RF3196 RFMD-RF3196 Datasheet
285Kb / 16P
QUAD-BAND GSM850/GSM900/DCS/PCS POWER AMP MODULE
RF3166 RFMD-RF3166_1 Datasheet
390Kb / 16P
QUAD-BAND GSM850/GSM900/DCS/PCS POWER AMP MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com