Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AWT6201 Datasheet(PDF) 2 Page - ANADIGICS, Inc

Part # AWT6201
Description  GSM850/GSM900/DCS/PCS Quad Band PowerPlexer with Integrated Power Control
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

AWT6201 Datasheet(HTML) 2 Page - ANADIGICS, Inc

  AWT6201 Datasheet HTML 1Page - ANADIGICS, Inc AWT6201 Datasheet HTML 2Page - ANADIGICS, Inc AWT6201 Datasheet HTML 3Page - ANADIGICS, Inc AWT6201 Datasheet HTML 4Page - ANADIGICS, Inc AWT6201 Datasheet HTML 5Page - ANADIGICS, Inc AWT6201 Datasheet HTML 6Page - ANADIGICS, Inc AWT6201 Datasheet HTML 7Page - ANADIGICS, Inc AWT6201 Datasheet HTML 8Page - ANADIGICS, Inc AWT6201 Datasheet HTML 9Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
ADVANCED PRODUCT INFORMATION - Rev 0.7
01/2004
AWT6201
ELECTRICAL CHARACTERISTICS
Table 1: Absolute Minimum and Maximum Ratings
R
E
T
E
M
A
R
A
P
N
I
M
X
A
M
T
I
N
U
(
e
g
a
t
l
o
V
y
l
p
p
u
SV C
C
)7
+V
(
r
e
w
o
P
t
u
p
n
IF
R N
I
)1
1
+m
B
d
V
(
e
g
a
t
l
o
V
l
o
r
t
n
o
C
r
e
w
o
P
P
M
A
R
)8
.
1V
(
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
ST
G
T
S
)5
5
-0
5
1C
°
e
r
u
t
a
r
e
p
m
e
T
w
o
l
f
e
R
m
u
m
i
x
a
M0
4
2C
°
Exceeding
the
absolute
maximum
ratings
can
cause
permanent
damage
to
the
device.
These
are
absolute
stress
ratings
only.
Functional operation of the device is not implied at these or any other conditions in
excess of those given in the operations sections of this data sheet. Exposure to
maximum ratings for extended periods can adversely affect device reliability.
R
E
T
E
M
A
R
A
P
D
O
H
T
E
M
G
N
I
T
A
R
T
I
N
U
)
t
r
o
P
a
n
n
e
t
n
A
(
e
g
a
t
l
o
V
d
l
o
h
s
e
r
h
T
D
S
EM
B
H2
1V
k
)
s
t
u
p
n
I
l
o
r
t
n
o
C
(
e
g
a
t
l
o
V
d
l
o
h
s
e
r
h
T
D
S
EM
B
H1
V
k
)
s
t
u
p
n
I
F
R
(
e
g
a
t
l
o
V
d
l
o
h
s
e
r
h
T
D
S
EM
B
H0
5
2V
)
s
t
r
o
P
X
R
(
e
g
a
t
l
o
V
d
l
o
h
s
e
r
h
T
D
S
EM
B
H0
0
3V
Table 2: ESD Ratings
Although protection circuitry has been designed into this device, proper
precautions should be taken to avoid exposure to electrostatic discharge (ESD)
during handling and mounting. Human body model HBM employed is resistance =
1500
Ω
Ω
Ω
Ω
Ω, capacitance = 100pF.
Table 3: Logic Level Definitions
Test Conditions: VCC = 3.0 to 4.8V, TC = 25
± 3°C
L
A
N
G
I
S
N
I
M
P
Y
T
X
A
M
T
I
N
U
h
g
i
H
c
i
g
o
L7
.
13
V
w
o
L
c
i
g
o
L0
5
.
0V
t
n
e
r
r
u
c
s
a
i
b
t
u
p
n
I0
1A
µ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com