Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APA0710XAI Datasheet(PDF) 20 Page - Anpec Electronics Coropration

Part # APA0710XAI
Description  1.1W Mono Low-Voltage Audio Power Amplifier
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APA0710XAI Datasheet(HTML) 20 Page - Anpec Electronics Coropration

Back Button APA0710XAI Datasheet HTML 16Page - Anpec Electronics Coropration APA0710XAI Datasheet HTML 17Page - Anpec Electronics Coropration APA0710XAI Datasheet HTML 18Page - Anpec Electronics Coropration APA0710XAI Datasheet HTML 19Page - Anpec Electronics Coropration APA0710XAI Datasheet HTML 20Page - Anpec Electronics Coropration APA0710XAI Datasheet HTML 21Page - Anpec Electronics Coropration APA0710XAI Datasheet HTML 22Page - Anpec Electronics Coropration APA0710XAI Datasheet HTML 23Page - Anpec Electronics Coropration APA0710XAI Datasheet HTML 24Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 29 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.5 - Oct., 2005
APA0710/0711
www.anpec.com.tw
20
Application Descriptions
BTL Operation
Vbias
Vo +
Vo -
RL
OP1
OP2
Figure1:
APA0710/1 power amplifier internal configuration
The power amplifier OP1 gain is setting by external
gain setting, while the second amplifier OP2 is
internally fixed in a unity-gain, inverting configuration.
Figure 1 shows that the output of OP1 is connected
to the input to OP2, which results in the output
signals of with both amplifiers with identical in
magnitude, but out of phase 180°. Consequently, the
differential gain for each channel is 2X (Gain of SE
mode).
By driving the load differentially through outputs Vo+
and Vo-, an amplifier configuration commonly referred
to as bridged mode is established. BTL mode operation
is different from the classical single-ended SE amplifier
configuration where one side of its load is connected
to ground.
A BTL amplifier design has a few distinct advantages
over the SE configuration, as it provides differential
drive to the load, thus doubling the output swing for a
specified supply voltage.
Four times the output power is possible as compared
to a SE amplifier under the same conditions. A BTL
configuration, such as the one used in APA0710, also
creates a second advantage over SE amplifiers. Since
the differential outputs, Vo+, Vo- are biased at half-
(1)
C
L
I
F
I
C
R
1
C
)
R
(R
1
80k
Cbypass
1
<<
×
+
≤
×
O
supply, no need DC voltage exists across the load.
This eliminates the need for an output coupling
capacitor which is required in a single supply, SE
configuration.
Single-Ended Operation
Consider the single-supply SE configuration shown
Application Circuit. A coupling capacitor is required to
block the DC offset voltage from reaching the load.
These capacitors can be quite large (approximately
33
µF to 1000µF) so they tend to be expensive, occupy
valuable PCB area, and have the additional drawback
of limiting low-frequency performance of the system
(refer to the Output Coupling Capacitor).
The rules described still hold with the addition of the
following relationship :
Output SE/BTL Operation (for APA0710 only)
The ability of the APA0710 to easily switch between
BTL and SE modes is one of its most important costs
saving features. This feature eliminates the requirement
for an additional headphone amplifier in applications
where internal speakers are driven in BTL mode but
external headphoneor speakers must beaccommodated.
Internal to the APA0710, two separate amplifiers drive
Vo+ and Vo- (see Figure 2). The SE/BTL input controls
the operation of the follower amplifier that drives Vo-.
• When SE/BTL is held low, the OP2 is turn on and
the APA0710 is in the BTL mode.
• When SE/BTL is held high, the OP2 is in a high
output impedance state, which configures the
APA0710 as SE driver from Vo+. I
DD is reduced by
approximately one-half in SE mode.
Control of the SE/BTL input can be a logic-level TTL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com