Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APA0710XAI Datasheet(PDF) 5 Page - Anpec Electronics Coropration

Part # APA0710XAI
Description  1.1W Mono Low-Voltage Audio Power Amplifier
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APA0710XAI Datasheet(HTML) 5 Page - Anpec Electronics Coropration

  APA0710XAI Datasheet HTML 1Page - Anpec Electronics Coropration APA0710XAI Datasheet HTML 2Page - Anpec Electronics Coropration APA0710XAI Datasheet HTML 3Page - Anpec Electronics Coropration APA0710XAI Datasheet HTML 4Page - Anpec Electronics Coropration APA0710XAI Datasheet HTML 5Page - Anpec Electronics Coropration APA0710XAI Datasheet HTML 6Page - Anpec Electronics Coropration APA0710XAI Datasheet HTML 7Page - Anpec Electronics Coropration APA0710XAI Datasheet HTML 8Page - Anpec Electronics Coropration APA0710XAI Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.5 - Oct., 2005
APA0710/0711
www.anpec.com.tw
5
APA0710/1
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VOO
Output Offset Voltage
RL = 8Ω, RF = 10kΩ
20
mV
BTL mode, RF = 10kΩ
0.9
1.8
IDD
Supply Current
SE mode, RF = 10kΩ
0.55
1.1
mA
IDD(SD)
Supply Current,
Shutdown Mode
RF = 10kΩ
0.1
2
µA
Shutdown, VI = VDD
1
Shutdown, VI = VDD
1
|IH|
SE/BTL, VI = VDD
1
µA
Shutdown, VI = 0V
1
Shutdown, VI = 0V
1
|IL|
SE/BTL, VI = 0V
1
µA
Operating characteristic, VDD = 3.3V, TA = 25°C, RL = 8Ω
THD = 1%, BTL mode, RL = 8Ω
400
PO
Output Power
(Note 1)
THD = 1%, SE mode, RL = 32Ω
40
mW
THD+N
Total Harmonic Distortion
Plus Noise
(Note 1)
PO = 280mW, BTL mode, RL = 8Ω
0.15
%
Bom
Maximum Output Power
Bandwidth
Gain = 2, THD+N = 2%
20
kHz
B1
Unity-Gain Bandwidth
Open Loop
2
MHz
CB = 1µF, BTL mode, RL = 8Ω
74
PSRR
Power Supply Rejection
Ratio
(Note1)
CB = 1µF, SE mode, RL = 8Ω
61
dB
Vn
Noise Output Voltage
Gain = 1, CB = 0.1µF
28
µV(rms)
TWU
Wake-up time
CB = 1µF
380
ms
Electrical Characteristics
Electrical Characteristics at Specified Free - Air Temperature
V
DD = 3.3V, TA = 25°C (unless otherwise noted)
V
DD= 5V, TA= 25°C (unless otherwise noted)
APA0710/1
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VOO
Output Offset Voltage
RL = 8Ω, RF = 10kΩ
20
mV
BTL mode, RF = 10kΩ
1.3
2.6
IDD
Supply Current
SE mode, RF = 10kΩ
0.75
1.5
mA
IDD(SD)
Supply Current ,
Shutdown Mode
RF = 10kΩ
0.1
2
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com