Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APL5913 Datasheet(PDF) 1 Page - Anpec Electronics Coropration

Part # APL5913
Description  0.8V Reference Ultra Low Dropout (0.25V@3A) Linear Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5913 Datasheet(HTML) 1 Page - Anpec Electronics Coropration

  APL5913 Datasheet HTML 1Page - Anpec Electronics Coropration APL5913 Datasheet HTML 2Page - Anpec Electronics Coropration APL5913 Datasheet HTML 3Page - Anpec Electronics Coropration APL5913 Datasheet HTML 4Page - Anpec Electronics Coropration APL5913 Datasheet HTML 5Page - Anpec Electronics Coropration APL5913 Datasheet HTML 6Page - Anpec Electronics Coropration APL5913 Datasheet HTML 7Page - Anpec Electronics Coropration APL5913 Datasheet HTML 8Page - Anpec Electronics Coropration APL5913 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
0.8V Reference Ultra Low Dropout (0.25V@3A) Linear Regulator
Copyright
© ANPEC Electronics Corp.
Rev. A.4 - May., 2005
APL5913
www.anpec.com.tw
1
•
Ultra Low Dropout
- 0.25V(typical) at 3A Output Current
•
Low ESR Output Capacitor (Multi-layer Chip
Capacitors (MLCC)) Applicable
•
0.8V Reference Voltage
•
High Output Accuracy
-
±1.5% over Line, Load and Temperature
•
Fast Transient Response
•
Adjustable Output Voltage by External
Resistors
•
Power-On-Reset Monitoring on Both VCNTL
and VIN Pins
•
Internal Soft-Start
•
Current-Limit Protection
•
Under-Voltage Protection
•
Thermal Shutdown with Hysteresis
•
Power-OK Output with a Delay Time
•
Shutdown for Standby or Suspend Mode
•
Simple SOP-8-P Package with Exposed Pad
•
Lead Free Available (RoHS Compliant)
Features
The APL5913 is a 3A ultra low dropout linear regulator.
This product is specifically designed to provide well
supply volatage for front-side-bus termination on
motherboards and NB applications. The IC needs two
supply voltages, a control voltage for the circuitry and
a main supply voltage for power conversion, to reduce
power dissipation and provide extremely low dropout.
The APL5913 integrates many functions. A Power-On-
Reset (POR) circuit monitors both supply voltages to
prevent wrong operations. A thermal shutdown and
current limit functions protect the device against
thermal and current over-loads. A POK indicates the
output status with time delay which is set internally. It
can control other converter for power sequence. The
APL5913 can be enabled by other power system.
Pulling and holding the EN pin below 0.3V shuts off
the output.
The APL5913 is available in SOP-8-P package which
features small size as SOP-8 and an Exposed Pad to
reduce the junction-to-case resistance, being applicable
in 2~3W applications.
Applications
Pin Configuration
SOP-8-P (Top View)
General Description
(connected to VIN plane for better heat
dissipation)
= Exposed Pad
1
2
3
4
8
7
6
5
EN
POK
VCNTL
VIN
GND
FB
VOUT
VOUT
VIN
•
Front Side Bus VTT (1.2V/3A)
•
Note Book PC Applications
•
Motherboard Applications


Similar Part No. - APL5913

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5910 ANPEC-APL5910 Datasheet
360Kb / 16P
1A, Ultra Low Dropout (0.12V Typical) Linear Regulator
APL5910 ANPEC-APL5910 Datasheet
400Kb / 17P
1A, Ultra Low Dropout (0.12V Typical) Linear Regulator
APL5910KAI-TRG ANPEC-APL5910KAI-TRG Datasheet
360Kb / 16P
1A, Ultra Low Dropout (0.12V Typical) Linear Regulator
APL5910KAI-TRG ANPEC-APL5910KAI-TRG Datasheet
400Kb / 17P
1A, Ultra Low Dropout (0.12V Typical) Linear Regulator
APL5910KAI-TRL ANPEC-APL5910KAI-TRL Datasheet
360Kb / 16P
1A, Ultra Low Dropout (0.12V Typical) Linear Regulator
More results

Similar Description - APL5913

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LADLD30 UTC-LADLD30 Datasheet
220Kb / 8P
0.8V REFERENCE ULTRA LOW DROPOUT LINEAR REGULATOR
LXXLD70 UTC-LXXLD70 Datasheet
230Kb / 8P
0.8V REFERENCE ULTRA LOW DROPOUT LINEAR REGULATOR
LADLD10 UTC-LADLD10 Datasheet
252Kb / 7P
0.8V REFERENCE ULTRA LOW DROPOUT LINEAR REGULATOR
LADLD20 UTC-LADLD20 Datasheet
254Kb / 7P
0.8V REFERENCE ULTRA LOW DROPOUT LINEAR REGULATOR
LXXLD15 UTC-LXXLD15_14 Datasheet
233Kb / 8P
0.8V REFERENCE ULTRA LOW DROPOUT LINEAR REGULATOR
LXXLD30 UTC-LXXLD30_16 Datasheet
250Kb / 7P
0.8V REFERENCE ULTRA LOW DROPOUT LINEAR REGULATOR
LXXLD50 UTC-LXXLD50_16 Datasheet
347Kb / 11P
0.8V REFERENCE ULTRA LOW DROPOUT LINEAR REGULATOR
LXXLD10 UTC-LXXLD10 Datasheet
250Kb / 7P
0.8V REFERENCE ULTRA LOW DROPOUT LINEAR REGULATOR
LXXLD20 UTC-LXXLD20 Datasheet
250Kb / 7P
0.8V REFERENCE ULTRA LOW DROPOUT LINEAR REGULATOR
LXXLD70 UTC-LXXLD70_V01 Datasheet
267Kb / 8P
0.8V REFERENCE ULTRA LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com