Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APL5913 Datasheet(PDF) 3 Page - Anpec Electronics Coropration

Part # APL5913
Description  0.8V Reference Ultra Low Dropout (0.25V@3A) Linear Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5913 Datasheet(HTML) 3 Page - Anpec Electronics Coropration

  APL5913 Datasheet HTML 1Page - Anpec Electronics Coropration APL5913 Datasheet HTML 2Page - Anpec Electronics Coropration APL5913 Datasheet HTML 3Page - Anpec Electronics Coropration APL5913 Datasheet HTML 4Page - Anpec Electronics Coropration APL5913 Datasheet HTML 5Page - Anpec Electronics Coropration APL5913 Datasheet HTML 6Page - Anpec Electronics Coropration APL5913 Datasheet HTML 7Page - Anpec Electronics Coropration APL5913 Datasheet HTML 8Page - Anpec Electronics Coropration APL5913 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.4 - May., 2005
APL5913
www.anpec.com.tw
3
Typical Application Circuit
1. Using an Output Capacitor with ESR
≥18mΩ
2. Using an MLCC as the Output Capacitor
VCNTL
+5V
VOUT
+1.2V/ 3A
C CNTL
1uF
VIN
+1.5V
GND
VOUT
VCNTL
POK
VIN
CIN
100uF
COUT
220 uF
EN
Enable
EN
POK
R3
1k
5
3
8
7
APL5913
R1
1k
C1
33nF (in the range of 12 ~ 48nF)
VOUT
4
FB
2
R2
2k
VCNTL
+5V
VOUT
+1.2V/ 3A
C CNTL
1uF
VIN
+1.5V
GND
VOUT
VCNTL
POK
VIN
CIN
22uF
COUT
22uF
EN
Enable
EN
POK
R3
1k
5
3
8
7
APL5913
R1
39k
C1
56pF
VOUT
4
FB
2
R2
78k
VOUT (V)
R1 (k
Ω)
R2 (k
Ω)
C1 (pF)
1.05
43
137.6
47
1.5
27
30.86
82
1.8
15
12
150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com