Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APM2095PD Datasheet(PDF) 1 Page - Anpec Electronics Coropration

Part # APM2095PD
Description  P-Channel Enhancement Mode MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APM2095PD Datasheet(HTML) 1 Page - Anpec Electronics Coropration

  APM2095PD Datasheet HTML 1Page - Anpec Electronics Coropration APM2095PD Datasheet HTML 2Page - Anpec Electronics Coropration APM2095PD Datasheet HTML 3Page - Anpec Electronics Coropration APM2095PD Datasheet HTML 4Page - Anpec Electronics Coropration APM2095PD Datasheet HTML 5Page - Anpec Electronics Coropration APM2095PD Datasheet HTML 6Page - Anpec Electronics Coropration APM2095PD Datasheet HTML 7Page - Anpec Electronics Coropration APM2095PD Datasheet HTML 8Page - Anpec Electronics Coropration APM2095PD Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
P-Channel Enhancement Mode MOSFET
Copyright  ANPEC Electronics Corp.
Rev. B.1 - Apr., 2005
APM2095PD
www.anpec.com.tw
1
ANPEC reserves the right to make changes to improve reliability or manufacturability without notice, and advise
customers to obtain the latest version of relevant information to verify before placing orders.
Pin Description
Ordering and Marking Information
Features
Applications
• Switching Regulators
• Switching Converters
• -20V/-3A,
R
DS(ON)=75mΩ(typ.) @ VGS=-4.5V
R
DS(ON)=100mΩ(typ.) @ VGS=-2.5V
••••• Super High Dense Cell Design
••••• Reliable and Rugged
••••• Lead Free Available (RoHS Compliant)
A P M 2095P
H a nd lin g C o d e
Te m p . R a n g e
P a c k age C o d e
P a c k age C o d e
D : S O T - 8 9
O per ating J unc tion T e m p . R ange
C : - 55 to 150° C
H a nd lin g C o d e
T U : T ube
T R : T ape & R eel
Lead F r ee C ode
L : Lead F r ee D e v ic e B lank : O r ig in a l D e v ic e
A P M 2095P D :
A P M 2095
XX XXX
XX XXX - D a t e C o d e
Lead F r ee C ode
P-Channel MOSFET
Top View of SOT-89
G
D
S
G
S
D
(2)
(3)
(1)
Note: ANPEC lead-free products contain molding compounds/die attach materials and 100% matte in plate termina-
tion finish; which are fully compliant with RoHS and compatible with both SnPb and lead-free soldiering operations.
ANPEC lead-free products meet or exceed the lead-free requirements of IPC/JEDEC J STD-020C for MSL classifica-
tion at lead-free peak reflow temperature.


Similar Part No. - APM2095PD

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APM2095P ANPEC-APM2095P Datasheet
201Kb / 9P
P-Channel Enhancement Mode MOSFET
APM2095PU ANPEC-APM2095PU Datasheet
201Kb / 9P
P-Channel Enhancement Mode MOSFET
APM2095PUC-TR ANPEC-APM2095PUC-TR Datasheet
201Kb / 9P
P-Channel Enhancement Mode MOSFET
APM2095PUC-TU ANPEC-APM2095PUC-TU Datasheet
201Kb / 9P
P-Channel Enhancement Mode MOSFET
More results

Similar Description - APM2095PD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SI9405DY ETC1-SI9405DY Datasheet
156Kb / 4P
P-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPP1433 SYNC-POWER-SPP1433 Datasheet
203Kb / 8P
P-Channel Enhancement Mode MOSFET
SPP2095 SYNC-POWER-SPP2095 Datasheet
200Kb / 8P
P-Channel Enhancement Mode MOSFET
SPP2305 SYNC-POWER-SPP2305 Datasheet
211Kb / 8P
P-Channel Enhancement Mode MOSFET
logo
Stanson Technology
ST2301A STANSON-ST2301A Datasheet
221Kb / 6P
P Channel Enhancement Mode MOSFET
ST2305A STANSON-ST2305A Datasheet
147Kb / 6P
P Channel Enhancement Mode MOSFET
ST3401 STANSON-ST3401 Datasheet
200Kb / 6P
P Channel Enhancement Mode MOSFET
logo
SYNC POWER Crop.
SPP2319 SYNC-POWER-SPP2319 Datasheet
210Kb / 8P
P-Channel Enhancement Mode MOSFET
SPP3401B SYNC-POWER-SPP3401B Datasheet
204Kb / 8P
P-Channel Enhancement Mode MOSFET
SPP3407B SYNC-POWER-SPP3407B Datasheet
211Kb / 8P
P-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com