Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APM2095PD Datasheet(PDF) 5 Page - Anpec Electronics Coropration

Part # APM2095PD
Description  P-Channel Enhancement Mode MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APM2095PD Datasheet(HTML) 5 Page - Anpec Electronics Coropration

  APM2095PD Datasheet HTML 1Page - Anpec Electronics Coropration APM2095PD Datasheet HTML 2Page - Anpec Electronics Coropration APM2095PD Datasheet HTML 3Page - Anpec Electronics Coropration APM2095PD Datasheet HTML 4Page - Anpec Electronics Coropration APM2095PD Datasheet HTML 5Page - Anpec Electronics Coropration APM2095PD Datasheet HTML 6Page - Anpec Electronics Coropration APM2095PD Datasheet HTML 7Page - Anpec Electronics Coropration APM2095PD Datasheet HTML 8Page - Anpec Electronics Coropration APM2095PD Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Copyright  ANPEC Electronics Corp.
Rev. B.1 - Apr., 2005
APM2095PD
www.anpec.com.tw
5
-VDS - Drain - Source Voltage (V)
Output Characteristics
Drain-Source On Resistance
-ID - Drain Current (A)
Transfer Characteristics
-VGS - Gate - Source Voltage (V)
Tj - Junction Temperature (°C)
Gate Threshold Voltage
Typical Characteristics (Cont.)
024
68
10
0
2
4
6
8
10
12
-2V
-1.5V
V
GS
=-3,-4,-5,-6,-7,-8,-9,-10V
0
246
8
10
12
40
50
60
70
80
90
100
110
120
130
140
V
GS
=-2.5V
V
GS
=-4.5V
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0
0
2
4
6
8
10
12
T
j
=125
oC
T
j
=25
oC
T
j
=-55
oC
-50
-25
0
25
50
75
100 125 150
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
I
DS
=-250
µA



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com