Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JVR Datasheet(PDF) 18 Page - List of Unclassifed Manufacturers

Part # JVR
Description  Metal Oxide Varistor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

JVR Datasheet(HTML) 18 Page - List of Unclassifed Manufacturers

Back Button JVR Datasheet HTML 12Page - List of Unclassifed Manufacturers JVR Datasheet HTML 13Page - List of Unclassifed Manufacturers JVR Datasheet HTML 14Page - List of Unclassifed Manufacturers JVR Datasheet HTML 15Page - List of Unclassifed Manufacturers JVR Datasheet HTML 16Page - List of Unclassifed Manufacturers JVR Datasheet HTML 17Page - List of Unclassifed Manufacturers JVR Datasheet HTML 18Page - List of Unclassifed Manufacturers JVR Datasheet HTML 19Page - List of Unclassifed Manufacturers JVR Datasheet HTML 20Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
Metal Oxide Varistor JVR Series
17
Dimensions
Dimension Table
unit : mm
Diameter
5mm
7mm
10mm
14mm
20mm
25mm
D max.
7.5
9.0
12.5
16.5
23
29
d ± 0.05
0.6
0.6
0.8
0.8
1.0
1.0
F ± 1.0
5.0
5.0
7.5
7.5
10.0
10.0
H max.
11.0
12.5
17/*19
22/*23
28/*29
36
L1 min.
25.0
25.0
25.0
25.0
25.0
25.0
L min.
24.0
24.0
24.0
24.0
24.0
20.0
*Just for 182K
Table of Tmax., A & H1 max.
Diameter
5mm
7mm
10mm
14mm
20mm
25mm
Type No.
T max. A ± 0.8 H1 max. T max. A ± 0.8 H1 max. T max. A ± 0.8 H1 max. T max. A ± 0.8 H1 max. T max. A ± 0.8 H1 max. T max. A ± 0.8 H1 max.
180M
3.9
0.8
10.5
3.9
0.8
12.0
4.3
0.8
15.0
4.3
0.9
19.5
/
/
/
/
/
/
220M/L
4.1
0.9
10.5
4.1
0.9
12.0
4.5
0.9
15.0
4.5
1.0
19.5
4.9
1.0
26.5
/
/
/
270M/K
4.3
0.9
10.5
4.3
0.9
12.0
4.7
0.9
15.0
4.7
1.0
19.5
5.1
1.1
26.5
/
/
/
330M/K
4.5
1.0
10.5
4.5
1.0
12.0
4.9
1.0
15.0
4.9
1.2
19.5
5.3
1.2
26.5
/
/
/
390L/K
4.5
1.2
10.5
4.5
1.2
12.0
5.1
1.2
15.0
5.1
1.4
19.5
5.4
1.4
26.5
/
/
/
470L/K
4.8
1.2
10.5
4.8
1.2
12.0
5.3
1.2
15.0
5.4
1.4
19.5
5.6
1.4
26.5
/
/
/
560L/K
4.8
1.4
10.5
4.8
1.4
12.0
5.5
1.4
15.0
5.6
1.6
19.5
5.6
1.6
26.5
/
/
/
680L/K
5.1
1.7
10.5
5.1
1.7
12.0
5.7
1.6
15.0
5.6
1.9
19.5
5.9
1.9
26.5
/
/
/
820K
3.8
0.8
10.5
3.8
0.8
12.0
4.3
0.8
15.0
4.3
1.0
19.5
4.7
1.1
26.5
/
/
/
101K
3.9
0.8
10.5
3.9
0.8
12.0
4.4
0.8
15.0
4.5
1.0
19.5
4.9
1.2
26.5
/
/
/
121K
4.1
0.9
10.5
4.1
0.9
12.0
4.5
0.9
15.0
4.6
1.1
19.5
5.1
1.3
26.5
/
/
/
151K
4.5
1.2
10.5
4.5
1.2
12.0
4.9
1.2
15.0
5.0
1.4
19.5
5.4
1.6
26.5
/
/
/
181K
3.9
1.0
10.5
3.9
1.0
12.0
4.3
1.0
15.0
4.3
1.2
19.5
5.0
1.4
26.5
/
/
/
201K
4.0
1.0
10.5
4.0
1.0
12.0
4.4
1.0
15.0
4.4
1.2
19.5
5.1
1.4
26.5
5.4
2.5
35
221K
4.0
1.1
10.5
4.0
1.1
12.0
4.4
1.1
15.0
4.4
1.3
19.5
5.2
1.5
26.5
5.6
2.6
35
241K
4.2
1.1
10.5
4.2
1.3
12.0
4.6
1.3
15.0
4.6
1.5
19.5
5.3
1.7
26.5
5.7
2.8
35
271K
4.4
1.3
10.5
4.4
1.4
12.0
4.8
1.4
15.0
4.8
1.5
19.5
5.5
1.9
26.5
6.0
3.0
35
301K
4.4
1.3
10.5
4.4
1.5
12.0
4.8
1.6
15.0
4.8
1.7
19.5
5.7
2.1
26.5
6.3
3.2
35
331K
4.5
1.3
10.5
4.5
1.5
12.0
4.9
1.6
15.0
4.9
1.7
19.5
5.8
2.1
26.5
6.6
3.4
35
361K
4.7
1.8
10.5
4.6
1.9
12.0
5.0
1.9
15.0
5.0
2.1
19.5
6.0
2.3
26.5
6.8
3.6
35
391K
4.8
2.0
11.0
4.8
2.0
12.5
5.2
2.2
15.0
5.2
2.2
19.5
6.2
2.4
26.5
7.1
3.9
35
431K
5.1
2.1
11.0
5.1
2.0
12.5
5.5
2.5
15.0
5.5
2.5
19.5
6.6
2.7
26.5
7.2
3.3
35
471K
5.2
2.2
11.0
5.2
2.3
12.5
5.6
2.6
15.0
5.6
2.7
19.5
6.8
2.9
27.0
7.4
3.5
35
511K
5.6
2.5
11.5
5.6
2.5
12.5
5.8
3.1
15.0
5.8
3.1
20.0
7.0
3.3
27.0
7.6
3.8
35
561K
5.7
2.8
11.5
5.7
2.8
12.5
6.1
3.4
15.0
6.1
3.4
20.0
7.3
3.6
27.0
7.9
4.0
35
621K
6.0
3.1
11.5
6.0
3.1
12.5
6.4
4.0
15.0
6.4
3.8
20.0
7.6
4.1
27.0
8.2
4.4
35
681K
6.3
3.4
11.5
6.3
3.4
12.5
6.8
4.4
15.0
6.8
4.1
20.0
8.0
4.4
27.0
8.3
4.7
35
751K
6.7
3.7
11.5
6.8
3.7
12.5
7.2
4.4
15.0
7.2
4.3
20.0
8.4
4.5
27.0
8.7
5.0
35
781K
/
/
/
7.0
3.9
12.5
7.3
4.6
15.0
7.3
4.6
20.0
8.6
4.8
27.0
8.9
5.2
35
821K
/
/
/
7.2
4.1
12.5
7.6
4.6
15.0
7.6
4.6
20.0
8.8
4.8
27.0
9.1
5.4
35
911K
/
/
/
/
/
/
8.2
5.4
16.0
8.2
5.4
20.5
9.3
5.7
27.0
9.6
5.9
35
102K
/
/
/
/
/
/
8.5
5.4
16.0
8.6
5.6
20.5
9.9
5.8
27.0
/
/
/
112K
/
/
/
/
/
/
9.1
5.7
16.0
9.1
6.1
20.5
10.3
6.3
27.0
/
/
/
122K
/
/
/
/
/
/
9.9
6.3
17.0
10.0
6.7
21.0
11.3
6.9
27.5
/
/
/
142K
/
/
/
/
/
/
10.7
7.4
17.5
10.9
7.8
21.5
12.8
8.0
28.0
/
/
/
162K
/
/
/
/
/
/
11.5
8.6
17.5
11.8
9.0
21.5
13.0
9.2
28.5
/
/
/
182K
/
/
/
/
/
/
12.6
9.8
17.5
12.8
10.2
21.5
13.5
10.4
29.0
/
/
/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com