Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APW6021 Datasheet(PDF) 4 Page - Anpec Electronics Coropration

Part # APW6021
Description  Advanced PWM and Triple Linear Power Controllers
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW6021 Datasheet(HTML) 4 Page - Anpec Electronics Coropration

  APW6021 Datasheet HTML 1Page - Anpec Electronics Coropration APW6021 Datasheet HTML 2Page - Anpec Electronics Coropration APW6021 Datasheet HTML 3Page - Anpec Electronics Coropration APW6021 Datasheet HTML 4Page - Anpec Electronics Coropration APW6021 Datasheet HTML 5Page - Anpec Electronics Coropration APW6021 Datasheet HTML 6Page - Anpec Electronics Coropration APW6021 Datasheet HTML 7Page - Anpec Electronics Coropration APW6021 Datasheet HTML 8Page - Anpec Electronics Coropration APW6021 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Copyright  ANPEC Electronics Corp.
Rev. P.4 - Mar., 2001
APW6021
www.anpec.com.tw
4
Electrical Characteristics
(Recommended operating conditions, Unless otherwise noted) Refer to Block and Simplified Power
System Diagrams, and Typical Application Schematic
APW6021
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
V
CC Supply Current
I
CC
Nominal Supply Current
UGATE, LGATE, DRIVE2,
DRIVE3, and DRIVE4 open
9mA
Power-on Reset
Rising VCC Threshold
Vocset=4.5V
10.4
V
Falling VCC Threshold
Vocset=4.5V
8.2
V
Rising VAUX Threshold
Vocset=4.5V
2.5
V
VAUX Threshold Hysteresis
Vocset=4.5V
0.5
V
Rising V
OCSET Threshold
1.26
V
Oscillator
F
OCS
Free Running Frequency
RT= Open
185
200
215
kHz
∆V
OSC
Ramp Amplitude
RT= Open
1.9
V
P-P
DAC and Bandgap Reference
DAC(VID0-VID4) Input Low
Voltage
0.8
V
DAC(VID0-VID4) Input High
Voltage
2.0
0.8
V
DACOUT Voltage accuracy
-1.0
+1.0
%
V
BG
Bandgap Reference Voltage
1.265
V
Bandgap Reference Tolerance
-2.5
+2.5
%
Linear Regulators (OUT2, OUT3, and OUT4)
Regulation (All Linears)
3
%
VREG
2
VSEN2 Regulation Voltage
Select < 0.8V
1.5
V
VREG
2
VSEN2 Regulation Voltage
Select > 2.0V
3.3
V
VREG
3
VSEN3 Regulation Voltage
1.5
V
VREG
4
VSEN4 Regulation Voltage
1.8
V
VREN
UV
Under-Voltage Level (VSEN/
VREG)
VSEN Rising
75
%
Under-Voltage Hysteresis (VSEN/
VREG)
VSEN Falling
7
%
Output Drive Current (All Liners)
VAUX-V
DRIVE >0.6V
20
40
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com