Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APW6021 Datasheet (PDF) - Anpec Electronics Coropration

APW6021 Datasheet PDF - Anpec Electronics Coropration
Part # APW6021
Download  APW6021 Download
File Size   139.44 Kbytes
Page   13 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description Advanced PWM and Triple Linear Power Controllers

APW6021 Datasheet (PDF)

Go To PDF Page Download Datasheet
APW6021 Datasheet PDF - Anpec Electronics Coropration

Part # APW6021
Download  APW6021 Click to download

File Size   139.44 Kbytes
Page   13 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description Advanced PWM and Triple Linear Power Controllers

APW6021 Datasheet (HTML) - Anpec Electronics Coropration


APW6021 Product details

General Description
The APW6021 provides the power control and protection for four output voltages in high-performance, graphics intensive microprocessor and computer applications. The IC integrates voltage-mode PWM controller and three linear controllers, as well as the monitoring and protection functions into a 28-pin SOIC package. The PWM controller regulates the microprocessor core voltage with a synchronous-rectified buck converter. The linear controllers regulate the computer system’s AGP 1.5V or 3.3V bus power, the 1.5V GTL bus power, and the 1.8V power for the North/South Bridge core voltage and/or cache memory circuits.

Functional
• 4 Regulated Voltages are provided
    • Microprocessor Core (1.3V to 3.5V)
    • AGP Bus (1.5V or 3.3V)
    • Memory (1.8V)
    • GTL Bus (1.5V)
• Linear Controllers Drives with both MOSFET and Bipolar Series Pass Transistors
• Fixed or Externally Resistor-Adjustable Linear Outputs (FIX Pin)
• Simple Single-Loop Control Design
• Voltage-Mode PWM Control
• Fast PWM Converter Transient Response
    • High-Bandwidth Error Amplifier
    • Full 0% to 100% Duty Ratio
• Excellent Output Voltage Regulation
    • Core PWM Output: ± 1% Over Temperature
    • Other Outputs: ± 3% Over Temperature
• TTL-Compatible 5- Bit DAC Microprocessor Core Output Voltage Selection
    • Wide Range - 1.3VDC to 3.5 VDC
• Power-Good Output Voltage Monitor
• Over-Voltage and Over-Current Fault Monitors
    • Switching Regulator Does Not Require Extra Current Sensing Element, Uses MOSFET’s rDS(ON)
• Small Converter Size
    • Constant Frequency Operation
    • 200kHz Free-Running Oscillator; Program mable From 50kHz to Over 1MHz




Similar Part No. - APW6021

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW6021A ANPEC-APW6021A Datasheet
139Kb / 13P
Advanced PWM and Triple Linear Power Controllers
APW6021AKC-TR ANPEC-APW6021AKC-TR Datasheet
139Kb / 13P
Advanced PWM and Triple Linear Power Controllers
APW6021AKC-TRL ANPEC-APW6021AKC-TRL Datasheet
139Kb / 13P
Advanced PWM and Triple Linear Power Controllers
APW6021AKC-TU ANPEC-APW6021AKC-TU Datasheet
139Kb / 13P
Advanced PWM and Triple Linear Power Controllers
APW6021AKC-TUL ANPEC-APW6021AKC-TUL Datasheet
139Kb / 13P
Advanced PWM and Triple Linear Power Controllers
More results


Similar Description - APW6021

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP6021 INTERSIL-HIP6021 Datasheet
136Kb / 15P
Advanced PWM and Triple Linear Power Controller
February 1999
HIP6021A INTERSIL-HIP6021A Datasheet
186Kb / 16P
Advanced PWM and Triple Linear Power Controller
November 1999
logo
Anpec Electronics Corop...
APW6020 ANPEC-APW6020 Datasheet
128Kb / 13P
Advanced Dual PWM and Dual Linear Power Controllers
logo
Intersil Corporation
IPM6220 INTERSIL-IPM6220 Datasheet
358Kb / 14P
Advanced Triple PWM and Dual Linear Power Controller for Portable
December 2000
ISL6440A INTERSIL-ISL6440A Datasheet
749Kb / 16P
Advanced PWM and Triple Linear Power Controller for Gateway Applications
October 2001
logo
Anpec Electronics Corop...
APW6021A ANPEC-APW6021A Datasheet
139Kb / 13P
Advanced PWM and Triple Linear Power Controllers
APW7026 ANPEC-APW7026 Datasheet
138Kb / 11P
Advanced PWM and Dual Linear Power Controllers
logo
Intersil Corporation
HIP6021 INTERSIL-HIP6021_05 Datasheet
398Kb / 15P
Advanced PWM and Triple Linear Power Controller
March 8, 2005
HIP6021A INTERSIL-HIP6021A_01 Datasheet
389Kb / 16P
Advanced PWM and Triple Linear Power Controller
December 2001
logo
Renesas Technology Corp
HIP6021 RENESAS-HIP6021 Datasheet
741Kb / 15P
Advanced PWM and Triple Linear Power Controller
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com