Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ34Z100PWR-R2 Datasheet(PDF) 6 Page - Texas Instruments

Part # BQ34Z100PWR-R2
Description  BQ34Z100-R2 Wide Range Fuel Gauge with Impedance Track™ Technology
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ34Z100PWR-R2 Datasheet(HTML) 6 Page - Texas Instruments

Back Button BQ34Z100PWR-R2 Datasheet HTML 2Page - Texas Instruments BQ34Z100PWR-R2 Datasheet HTML 3Page - Texas Instruments BQ34Z100PWR-R2 Datasheet HTML 4Page - Texas Instruments BQ34Z100PWR-R2 Datasheet HTML 5Page - Texas Instruments BQ34Z100PWR-R2 Datasheet HTML 6Page - Texas Instruments BQ34Z100PWR-R2 Datasheet HTML 7Page - Texas Instruments BQ34Z100PWR-R2 Datasheet HTML 8Page - Texas Instruments BQ34Z100PWR-R2 Datasheet HTML 9Page - Texas Instruments BQ34Z100PWR-R2 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
6.8 Electrical Characteristics: Low-Frequency Oscillator
TA = –40°C to 85°C, 2.4 V < REG25 < 2.6 V; Typical Values at TA = 25°C and REG25 = 2.5 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX UNIT
f(LOSC)
Operating frequency
32.768
kHz
f(LEIO)
Frequency error(1) (2)
TA = 0°C to 60°C
–1.5%
0.25%
1.5%
TA = –20°C to 70°C
–2.5%
0.25%
2.5%
TA = –40°C to 85°C
–4%
0.25%
4%
t(LSXO)
Start-up time(3)
500
μs
(1)
The frequency drift is included and measured from the trimmed frequency at VCC = 2.5 V, TA = 25°C.
(2)
The frequency error is measured from 32.768 kHz.
(3)
The startup time is defined as the time it takes for the oscillator output frequency to be ±3%.
6.9 Electrical Characteristics: High-Frequency Oscillator
TA = –40°C to 85°C, 2.4 V < REG25 < 2.6 V; Typical Values at TA = 25°C and REG25 = 2.5 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX UNIT
f(OSC)
Operating frequency
8.389
MHz
f(EIO)
Frequency error(1) (2)
TA = 0°C to 60°C
–2%
0.38%
2%
TA = –20°C to 70°C
–3%
0.38%
3%
TA = –40°C to 85°C
–4.5%
0.38%
4.5%
t(SXO)
Start-up time(2)
2.5
5
ms
(1)
The frequency error is measured from 2.097 MHz.
(2)
The startup time is defined as the time it takes for the oscillator output frequency to be ±3%.
6.10 Electrical Characteristics: Integrating ADC (Coulomb Counter) Characteristics
TA = –40°C to 85°C, 2.4 V < REG25 < 2.6 V; Typical Values at TA = 25°C and REG25 = 2.5 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX UNIT
V(SR)
Input voltage range, V(SRN) and V(SRP)
V(SR) = V(SRN) – V(SRP)
–0.125
0.125
V
tSR_CONV
Conversion time
Single conversion
1
s
Resolution
14
15
bits
VOS(SR)
Input offset
10
µV
INL
Integral nonlinearity error
±0.007%
±0.034% FSR(2)
ZIN(SR)
Effective input resistance(1)
2.5
Ilkg(SR)
Input leakage current(1)
0.3
µA
(1)
Specified by design. Not tested in production.
(2)
Full-scale reference
6.11 Electrical Characteristics: ADC (Temperature and Cell Measurement) Characteristics
TA = –40°C to 85°C, 2.4 V < REG25 < 2.6 V; Typical Values at TA = 25°C and REG25 = 2.5 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX UNIT
VIN(ADC)
Input voltage range
0.05
1
V
tADC_CONV
Conversion time
125
ms
Resolution
14
15
bits
VOS(ADC)
Input offset
1
mV
ZADC1
Effective input resistance (TS)(1)
8
ZADC2
Effective input resistance (BAT)(1)
BQ34Z100-R2 not measuring cell
voltage
8
BQ34Z100-R2 measuring cell
voltage
100
BQ34Z100-R2
SLUSF37 – DECEMBER 2022
www.ti.com
6
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: BQ34Z100-R2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com