Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ34Z100PWR-R2 Datasheet(PDF) 18 Page - Texas Instruments

Part # BQ34Z100PWR-R2
Description  BQ34Z100-R2 Wide Range Fuel Gauge with Impedance Track™ Technology
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ34Z100PWR-R2 Datasheet(HTML) 18 Page - Texas Instruments

Back Button BQ34Z100PWR-R2 Datasheet HTML 14Page - Texas Instruments BQ34Z100PWR-R2 Datasheet HTML 15Page - Texas Instruments BQ34Z100PWR-R2 Datasheet HTML 16Page - Texas Instruments BQ34Z100PWR-R2 Datasheet HTML 17Page - Texas Instruments BQ34Z100PWR-R2 Datasheet HTML 18Page - Texas Instruments BQ34Z100PWR-R2 Datasheet HTML 19Page - Texas Instruments BQ34Z100PWR-R2 Datasheet HTML 20Page - Texas Instruments BQ34Z100PWR-R2 Datasheet HTML 21Page - Texas Instruments BQ34Z100PWR-R2 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 27 page
background image
10 Layout
10.1 Layout Guidelines
10.1.1 Introduction
Attention to layout is critical to the success of any battery management circuit board. The mixture of high-current
paths with an ultralow-current microcontroller creates the potential for design issues that are not always trivial to
solve. Some of the key areas of concern are described in the following sections, and can help to enable success.
10.1.2 Power Supply Decoupling Capacitor
Power supply decoupling from VCC to ground is important for optimal operation of the gas gauge. To keep
the loop area small, place this capacitor next to the IC and use the shortest possible traces. A large loop area
renders the capacitor useless and forms a small-loop antenna for noise pickup.
Ideally, the traces on each side of the capacitor should be the same length and run in the same direction to avoid
differential noise during ESD. If possible, place a via near the VSS pin to a ground plane layer.
10.1.3 Capacitors
Power supply decoupling for the gas gauges requires a pair of 0.1-µF ceramic capacitors for (BAT) and (VCC)
pins. These should be placed reasonably close to the IC without using long traces back to VSS. The LDO
voltage regulator, whether external or internal to the main IC, requires a 0.47-µF ceramic capacitor to be placed
fairly close to the regulation output pin. This capacitor is for amplifier loop stabilization and as an energy well for
the 2.5-V supply.
10.1.4 Communication Line Protection Components
The 5.6-V Zener diodes, used to protect the communication pins of the gas gauge from ESD, should be located
as close as possible to the pack connector. The grounded end of these Zener diodes should be returned to
the Pack(–) node rather than to the low-current digital ground system. This way, ESD is diverted away from the
sensitive electronics as much as possible.
In some applications, it is sometimes necessary to cause transitions on the communication lines to trigger events
that manage the gas gauge power modes. An example of one of these transitions is detecting a sustained low
logic level on the communication lines to detect that a pack has been removed. Given that most of the gas
gauges do not have internal pulldown networks, it is necessary to add a weak pulldown resistor to accomplish
this when there's an absence of a strong pullup resistor on the system side. If the weak pulldown resistor is
used, it may take less board space to use a small capacitor in parallel instead of the Zener diode to absorb any
ESD transients that are received through communication lines.
10.2 Layout Example
10.2.1 Ground System
The gas gauge requires a low-current ground system separate from the high-current PACK(–) path. ESD ground
is defined along the high-current path from the PACK(–) terminal to low-side protector FETs (if present) or the
sense resistor. It is important that the low-current ground systems only connect to the BAT(–) path at the sense
resistor Kelvin pick-off point. It is recommended to use an optional inner layer ground plane for the low-current
ground system. In Figure 10-1, the green is an example of using the low-current ground as a shield for the
gas gauge circuit. Notice how it is kept separate from the high-current ground, which is shown in red. The
high-current path is joined with the low-current path only at one point, shown with the small blue connection
between the two planes.
BQ34Z100-R2
SLUSF37 – DECEMBER 2022
www.ti.com
18
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: BQ34Z100-R2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com