Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRV8461SPWPR Datasheet(PDF) 35 Page - Texas Instruments

Part # DRV8461SPWPR
Description  DRV8461: 65 V, 3 A Stepper Motor Driver for High Efficiency and Noiseless Operation
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8461SPWPR Datasheet(HTML) 35 Page - Texas Instruments

Back Button DRV8461SPWPR Datasheet HTML 31Page - Texas Instruments DRV8461SPWPR Datasheet HTML 32Page - Texas Instruments DRV8461SPWPR Datasheet HTML 33Page - Texas Instruments DRV8461SPWPR Datasheet HTML 34Page - Texas Instruments DRV8461SPWPR Datasheet HTML 35Page - Texas Instruments DRV8461SPWPR Datasheet HTML 36Page - Texas Instruments DRV8461SPWPR Datasheet HTML 37Page - Texas Instruments DRV8461SPWPR Datasheet HTML 38Page - Texas Instruments DRV8461SPWPR Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 117 page
background image
Table 7-20. OFF Time Settings
SPI Interface
H/W Interface
OFF Time
TOFF
TOFF
00b
0
9 µs
01b (default)
1
19 µs
10b
Hi-Z
27 µs
11b
330kΩ to GND
35 µs
7.3.9.6 Current Regulation Blanking Time and Deglitch Time
After the start of drive phase in an H-bridge, the current sense comparator is ignored for a period of time
(blanking time) before enabling the current-sense circuitry. The blanking time also sets the minimum drive time of
the PWM.
• When the device operates with hardware interface, the blanking time is fixed at 1.5 μs.
• When the device is operating with SPI interface, the blanking time can be programmed by the TBLANK_TIME
bits as shown in Table 7-21, with a default value of 1.5 μs.
Table 7-21. TBLANK_TIME Settings
TBLANK_TIME
Blanking Time
00b
1 μs
01b (default)
1.5 μs
10b
2 μs
11b
2.5 μs
When the current is close to the ITRIP level, a 0.5 μs deglitch time ensures proper current regulation.
7.3.10 Current Sensing with External Resistor
PWM current regulation is based on the voltage sensed across the internal sense resistor of the DRV8461.
Optional external resistors can be placed between the PGND pins and system ground (or in series with the VM
pins) to sense the coil current, as shown in Figure 7-16. The DRV8461 has two PGNDA pins and two PGNDB
pins - one pair for each H-bridge. So, the current of each stepper motor coil can be sensed separately by placing
sense resistors between PGND pins and system ground. All the four VM pins are shorted internally - so if a
sense resistor is placed in the VM path, it will sense the combined current of both the H-bridges.
The voltage drop across the external sense resistor connected between PGND pins and system ground should
not exceed 300 mV. The sensed coil current can be processed to monitor motor health, or used to generate
necessary signals in a field-oriented-control loop to improve overall system efficiency.
www.ti.com
DRV8461
SLOSE98 – DECEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
35
Product Folder Links: DRV8461



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com