Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

555M-2001 Datasheet(PDF) 3 Page - LEDTRONICS, INC

Part # 555M-2001
Description  PCB LED
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDTRONICS [LEDTRONICS, INC]
Direct Link  http://www.ledtronics.com
Logo LEDTRONICS - LEDTRONICS, INC

555M-2001 Datasheet(HTML) 3 Page - LEDTRONICS, INC

  555M-2001 Datasheet HTML 1Page - LEDTRONICS, INC 555M-2001 Datasheet HTML 2Page - LEDTRONICS, INC 555M-2001 Datasheet HTML 3Page - LEDTRONICS, INC 555M-2001 Datasheet HTML 4Page - LEDTRONICS, INC 555M-2001 Datasheet HTML 5Page - LEDTRONICS, INC 555M-2001 Datasheet HTML 6Page - LEDTRONICS, INC 555M-2001 Datasheet HTML 7Page - LEDTRONICS, INC 555M-2001 Datasheet HTML 8Page - LEDTRONICS, INC 555M-2001 Datasheet HTML 9Page - LEDTRONICS, INC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
.160
.160
[4.1]
[4.1]
SINGLE LEVEL T1 [3mm] LEDs
.210
.210
.210
.160
.180
STAND OFF
LOCATING PIN
.180
.360
.540
.720
.180
.250
.250
PIN
.250
.250
.200
.200
.200
.200
.200
.200
.140
.140
.140
.200
.200
.290
.290
.500 MIN
.500 MIN
.500 MIN
.500 MIN
.095
.095
.120
.220
.100
.020 SQ
.020 SQ
.100
.100
.100 TYP
.100 TYP
.100 TYP
.080
.080 TYP
.080 TYP
.100
.120
.220
.095
.160
.500 MIN
.500 MIN
.500 MIN
.120
.120
.120
.250
.250
.250
[12.7]
[12.7]
[12.7]
[3.1]
[3.1]
[3.1]
[6.4]
[6.4]
[6.4]
[5.4]
[5.4]
[5.4]
[4.1]
[4.6]
[4.6]
[9.2]
[13.8]
[18.3]
[4.6]
[6.4]
[6.4]
.050x.100 LONG
[6.4]
[6.4]
[5.1]
[5.1]
[5.1]
[5.1]
[5.1]
[5.1]
[3.6]
[3.6]
[3.6]
[5.1]
[5.1]
[7.4]
[7.4]
[12.7]
[12.7]
[12.7]
[12.7]
[2.5]
[2.5]
[3.1]
[5.6]
[2.6]
[0.5]
[0.5]
[2.6]
[2.6]
[2.6]
[2.6]
[2.6]
[2.1]
[2.1]
[2.1]
[2.6]
[3.1]
[5.6]
[2.4]
[4.1]
PC110
PC120
-SO
-P
12PC120
Options
Arrays
13PC120
14PC120
PCM110
PCM120
PCL110
PCL120
2
RED
COLOR
R
CODE
2.0/2.8
Vf
1.7/5.6
Iv mcd
10/30
mA
YELLOW
Y
2.1/2.8
1.7/5.5
10/20
GREEN
G
2.1/2.8
1.7/5.6
10/30
BLUE
B
3.2/3.7
2.0/3.5
20/30
+
+
- ALL "Vf" READINGS ARE TYP/MAX
- ALL "mcd" READINGS ARE MIN/TYP
- 5V = 5 VOLT INTEGRATED RESISTOR
- LC = LOW CURRENT 2mA LEDs
- X = DENOTES BLANK LED SPACE
- CONSULT FACTORY ON PART NUMBERS FOR
ARRAYS WITH NONCONSECUTIVE COLORS
SAMPLE PART NUMBER:
LED COLOR
PC120TX4
SPECIALS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com