Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

555M-2001 Datasheet(PDF) 5 Page - LEDTRONICS, INC

Part # 555M-2001
Description  PCB LED
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDTRONICS [LEDTRONICS, INC]
Direct Link  http://www.ledtronics.com
Logo LEDTRONICS - LEDTRONICS, INC

555M-2001 Datasheet(HTML) 5 Page - LEDTRONICS, INC

  555M-2001 Datasheet HTML 1Page - LEDTRONICS, INC 555M-2001 Datasheet HTML 2Page - LEDTRONICS, INC 555M-2001 Datasheet HTML 3Page - LEDTRONICS, INC 555M-2001 Datasheet HTML 4Page - LEDTRONICS, INC 555M-2001 Datasheet HTML 5Page - LEDTRONICS, INC 555M-2001 Datasheet HTML 6Page - LEDTRONICS, INC 555M-2001 Datasheet HTML 7Page - LEDTRONICS, INC 555M-2001 Datasheet HTML 8Page - LEDTRONICS, INC 555M-2001 Datasheet HTML 9Page - LEDTRONICS, INC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
TRILEVEL T1 [3mm] LEDs
QUADLEVEL T1 [3mm] LEDs
.720
.540
.100 TYP
.100 TYP
.100 TYP
.100 TYP
.100 TYP
.082
.070 TYP
.070 TYP
.070
.082 TYP
.082 TYP
.510
.680
[2.6]
[2.6]
[2.6]
[2.6]
[2.6]
[2.1]
[1.8]
[1.8]
[1.8]
[2.1]
[2.1]
[13.0]
[17.3]
[18.3]
- ALL "Vf" READINGS ARE TYP/MAX
- ALL "mcd" READINGS ARE MIN/TYP
- 5V = 5 VOLT INTEGRATED RESISTOR
- LC = LOW CURRENT 2mA LEDs
- X = DENOTES BLANK LED SPACE
- CONSULT FACTORY ON PART NUMBERS FOR
ARRAYS WITH NONCONSECUTIVE COLORS
[13.7]
++
+
++
+
+
++
+
++
+
++
+
++
+
41PCT170
32PCT110
32PCT170
33PCT110
33PCT170
34PCT110
34PCT170
SPECIALS
RED
COLOR
R
R
CODE
CODE
2.0/2.8
Vf
1.7/5.6
Iv mcd
10/30
mA
YELLOW
Y
Y
2.1/2.8
1.7/5.5
10/20
GREEN
G
G
2.1/2.8
1.7/5.6
10/30
BLUE
B
B
3.2/3.7
2.0/3.5
20/30
.175
[4.4]
.110
[2.8]
.020 SQ
[0.5]
.100
[2.6]
.075
[1.9]
.075
[1.9]
.075
[1.9]
.200
[5.1]
.200
[5.1]
.100
[2.6]
.200
[5.1]
.150
[3.8]
.012
[0.3]
.420
[10.7]
.140
[3.6]
.800
[20.3]
.180
.360
.435
.095
.175
.275
.375
.580
.020 SQ
.100
.100
.100 TYP
.175 TYP
.275 TYP
.375 TYP
.020
.020 SQ
.100
.100
.200
.605
.200
.170
.340
.095
.470
.200
.020
.140
.140
.165
.165
.190
.190
.200
[0.5]
[2.6]
[2.6]
[2.6]
[4.5]
[7.0]
[9.5]
[0.5]
[0.5]
[2.6]
LED1
LED3
LED2
LED2
LED3
LED1
[2.6]
[5.1]
[15.4]
[5.1]
[4.3]
[8.7]
[2.4]
[12.0]
[5.1]
[0.5]
[3.6]
[3.6]
[3.6]
[3.6]
[3.6]
[3.6]
[5.1]
[4.6]
LED 3 COLOR
LED 4 COLOR
LED 3 COLOR
- ALL "Vf" READINGS ARE TYP/MAX
- ALL "mcd" READINGS ARE MIN/TYP
- 5V = 5 VOLT INTEGRATED RESISTOR
- LC = LOW CURRENT 2mA LEDs
- X = DENOTES BLANK LED SPACE
SAMPLE PART NUMBER:
SAMPLE PART NUMBER:
LED 2 COLOR
LED 2 COLOR
LED 1 COLOR
LED 1 COLOR
[9.2]
[11.1]
[2.4]
[4.5]
[7.0]
[9.5]
[14.8]
+
+
31PCT110
31PCT170
41PCT170T4-X/X/X/X
31PCT170T4-X/X/X
LED1
LED3
LED2
LED2
LED3
LED1
SPECIALS
4
RED
COLOR
2.0/2.8
Vf
1.7/5.6
Iv mcd
10/30
mA
YELLOW
2.1/2.8
1.7/5.5
10/20
GREEN
2.1/2.8
1.7/5.6
10/30
BLUE
3.2/3.7
2.0/3.5
20/30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com