Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS3682-EB1 Datasheet(PDF) 25 Page - ams AG

Part # AS3682-EB1
Description  480mA Camera Lighting Management Unit
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3682-EB1 Datasheet(HTML) 25 Page - ams AG

Back Button AS3682-EB1 Datasheet HTML 21Page - ams AG AS3682-EB1 Datasheet HTML 22Page - ams AG AS3682-EB1 Datasheet HTML 23Page - ams AG AS3682-EB1 Datasheet HTML 24Page - ams AG AS3682-EB1 Datasheet HTML 25Page - ams AG AS3682-EB1 Datasheet HTML 26Page - ams AG AS3682-EB1 Datasheet HTML 27Page - ams AG AS3682-EB1 Datasheet HTML 28Page - ams AG AS3682-EB1 Datasheet HTML 29Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 43 page
background image
AS3682
austriamicrosystems
Data Sheet
Timing Control of CURR11, CURR12, CURR13 in Normal Mode and Soft Flash Mode
www.austriamicrosystems.com
Revision 2.21
25 - 43
Table 28. Current Sink_1x Mode and Control Registers
Addr: 03
Current1_control
This register controls the function of the current sinks.
Bit
Bit Name
Default
Access
Description
1:0
Strobe_mode
01b
R/W
00 = Strobe mode 1 is selected. The strobe time is defined by
the value in register Strobe_mode1 (page 25) the maximum
strobe time is limited to 800ms.
01 = Strobe mode 2 is selected. The strobe time is defined by
the pulse length of the STROBE_SIGNAL and in addition it is
affected by the setting of register Strobe_mode2 (page 26).
1x = Strobe mode 3 is selected. The strobe time is defined by
the pulse length of STROBE_SIGNAL. The maximum strobe time
is unlimited.
3:2
N/A
4
preview_on
0R/W
0 = Current of current sinks is 0mA.
1 = Current of current sinks is defined by register
current1_preview
. If preview is controlled via pin GPIO0/P0
(see bit preview_ctrl), this bit has no effect.
5
preview_ctrl
0R/W
0 = Preview mode is controlled by bit preview_on (page 25).
1 = Preview mode is controlled by pin GPIO0/P0.
6
strobe_on
0R/W
0 = Current of current sinks is 0mA.
1 = Current of current sinks is defined by register
Current1_strobe
(page 20). If preview mode is controlled via
pin STROBE/F2 (see bit xstrobe_ctrl), this bit has no effect
7
xstrobe_ctrl
0R/W
0 = Strobe mode is controlled by pin STROBE/F2.
1 = Strobe mode is controlled by bit strobe_on (page 25).
Addr: 04
Strobe_mode1
This register sets the strobe time in mode 1.
Bit
Bit Name
Default
Access
Description
2:0
Strobe_mode
001b
R/W
000 = TS is equal to 100ms.
001 = TS is equal to 200ms.
010 = TS is equal to 300ms.
011 = TS is equal to 400ms.
100 = TS is equal to 500ms.
101 = TS is equal to 600ms.
110 = TS is equal to 700ms.
111 = TS is equal to 800ms.
7:3
N/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com