Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS3682-EB1 Datasheet(PDF) 39 Page - ams AG

Part # AS3682-EB1
Description  480mA Camera Lighting Management Unit
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3682-EB1 Datasheet(HTML) 39 Page - ams AG

Back Button AS3682-EB1 Datasheet HTML 35Page - ams AG AS3682-EB1 Datasheet HTML 36Page - ams AG AS3682-EB1 Datasheet HTML 37Page - ams AG AS3682-EB1 Datasheet HTML 38Page - ams AG AS3682-EB1 Datasheet HTML 39Page - ams AG AS3682-EB1 Datasheet HTML 40Page - ams AG AS3682-EB1 Datasheet HTML 41Page - ams AG AS3682-EB1 Datasheet HTML 42Page - ams AG AS3682-EB1 Datasheet HTML 43Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 39 / 43 page
background image
AS3682
austriamicrosystems
Data Sheet
Normal Mode and Soft Flash Mode Pin Descriptions
www.austriamicrosystems.com
Revision 2.21
39 - 43
13.2 Normal Mode and Soft Flash Mode Pin Descriptions
Table 42. Pin List QFN24 – Normal Mode and Soft Flash Mode
Pin
Name
Type (See
Table 40)
Description
1
ADR
DI
Input pin to select serial interface address. Connect to V2_5 or VSS.
2VBAT1
S
Charge pump supply pad; always connect to VBAT.
3C1_P
AIO
Charge pump flying capacitor; connect to a ceramic capacitor of 2.2µF (±20%).
4CP_OUT
AIO
Charge pump output voltage; connect to a ceramic capacitor of 1µF (±20%) or 2.2µF
(+100%/-50%).
5C2_P
AIO
Charge pump flying capacitor; connect to a ceramic capacitor of 2.2µF (±20%).
6VBAT2
S
Charge pump supply pad; always connect to VBAT.
7C2_N
AIO
Charge pump flying capacitor; connect to a ceramic capacitor of 1µF (±20%).
8CLK/P2
DI3
Serial interface clock input.
9
DATA/P1
DIO3
Serial interface data I/O.
10
GPIO0/P0
DIO3
General purpose I/O; active high in Normal Mode, active low in Soft Flash Mode.
11
STROBE/F2
DIO3
General purpose I/O; active high in Normal Mode, active low in Soft Flash Mode.
12
VDD_GPIO
S
GPIO and serial interface supply pad.
13
CURR11
AI
Analog current sink input (intended for LED flash).
14
CURR12
AI
Analog current sink input (intended for LED flash).
15
CURR13
AI
Analog current sink input (intended for LED flash).
16
SFL/F1
DI3
Soft Flash mode selection pin.
17
T1/F0
DI3
Test input.
18
HFL
DI
Hard Flash mode selection pin; active high.
19
CURR2
AI
Analog current sink input.
20
CURR3
AI
Analog current sink input.
21
CURR4
AI
Analog current sink input.
22
V2_5
AO
Low-power LDO output voltage; always connect to a ceramic capacitor of 1µF
(±20%) or 2.2µF (+100%/-50%).
Caution: Do not load this pin during start-up.
23
RBIAS
AIO
External resistor; always connect to a resistor of 240k
Ω (±1%) to ground.
Caution: Do not load this pin.
24
C1_N
AIO
Charge pump flying capacitor; connect to a ceramic capacitor of 1µF (±20%).
25
VSS
GND
Exposed pad.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com