Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS8501TUB Datasheet(PDF) 19 Page - ams AG

Part # AS8501TUB
Description  High precision voltage and current measurement sensor interface
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8501TUB Datasheet(HTML) 19 Page - ams AG

Back Button AS8501TUB Datasheet HTML 15Page - ams AG AS8501TUB Datasheet HTML 16Page - ams AG AS8501TUB Datasheet HTML 17Page - ams AG AS8501TUB Datasheet HTML 18Page - ams AG AS8501TUB Datasheet HTML 19Page - ams AG AS8501TUB Datasheet HTML 20Page - ams AG AS8501TUB Datasheet HTML 21Page - ams AG AS8501TUB Datasheet HTML 22Page - ams AG AS8501TUB Datasheet HTML 23Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 40 page
background image
AS8501 - Preliminary Data Sheet
austriamicrosystems
Revision 1.1, 04-April-06
www.austriamicrosystems.com
Page 19 of 40
subregister MM: chopping ratio bit, Registers CRA, CRB
Nr.
MM
mm
NOTE
0
4
0
1
8
1
2
1
x
1)
Notes:
1) For c=0 and d=0 , chopping and dechopping is switched off and every cycle is active regardless
of mm, i.e. the sampling frequenzy is higher by a factor of 4
subregister CRN: averaging bits ( 4 bits), registers CRA,CRB
Nr.
R2
n3
n2
n1
n0
NOTE
0
1
0
0
0
0
1
2
0
0
0
1
2
4
0
0
1
0
3
8
0
0
1
1
4
16
0
1
0
0
5
32
0
1
0
1
6
64
0
1
1
0
7
128
0
1
1
1
8
256
1
0
0
0
9
512
1
0
0
1
10
1024
1
0
1
0
11-14
Reserved for test
1
x
x
x
1)
15
raw mode
1
1
1
1 2)
Note:
1)
combinations from B to E are reserved for test
2)
this mode delivers the AD-values without calibration and averaging but multiplied by a factor which is dependent on the
setting of the oversampling ratio. It can be used for high resolution measurements of very low signals since it eliminates
the internal rounding error.
The ratio between raw result (Nr) and normal result (Nn) is given by: Nr/Nn = 2^(11+x)/CAL where x=6 for R=128 and x=3
for R=64. CAL is the calibration constant used.
7.5.4
CRB measurement channel B configuration register ( 17 bits )
Nr.
Bits
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
NOTE
0
CRB bit
names
cu2 cu1 cu0 M5
M4
M3
M2
M1
g1
g0
f
r
mm
n3
n2
n1
n0 1), 3)
1
Defaults
0
0
0
0
1
1
0
0
0
1
1
0
0
0
0
0
0 2)
2
subreg.
CRU
CRM
GN
OSF
OSR
MM
CRN
Notes:
1)
This register defines the measurement channel B configuration, the functions of the subregisters are the same as
described above for measurement channel A
2)
Default power-up state before any setting
3)
In this mode the chip cannot measure the current sensing input RSHH-RSHL, therefore M1=0 for all settings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com