Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS8501TUB Datasheet(PDF) 23 Page - ams AG

Part # AS8501TUB
Description  High precision voltage and current measurement sensor interface
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8501TUB Datasheet(HTML) 23 Page - ams AG

Back Button AS8501TUB Datasheet HTML 19Page - ams AG AS8501TUB Datasheet HTML 20Page - ams AG AS8501TUB Datasheet HTML 21Page - ams AG AS8501TUB Datasheet HTML 22Page - ams AG AS8501TUB Datasheet HTML 23Page - ams AG AS8501TUB Datasheet HTML 24Page - ams AG AS8501TUB Datasheet HTML 25Page - ams AG AS8501TUB Datasheet HTML 26Page - ams AG AS8501TUB Datasheet HTML 27Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 40 page
background image
AS8501 - Preliminary Data Sheet
austriamicrosystems
Revision 1.1, 04-April-06
www.austriamicrosystems.com
Page 23 of 40
subregister TRIMA
change of amplifier offset with TRIMA bits
The offset of the PGA should be trimmed to a mimimum absolute value to guarantee the
full dynamic range with all gain settings.
Nr.
trima0
Voffset
Notes
trimas
trima3
trima2
trima1
mV
0
0
0
0
0
0
Uos
1),2) ,3)
1
0
0
0
0
1
Uos -1*1.34
1),2)
2
0
0
0
1
0
Uos -2*1.34
1),2)
..
..
..
..
..
..
..
14
0
1
1
1
0
Uos –14*1.34
1),2)
15
0
1
1
1
1
Uos –15*1.34
1),2)
16
1
0
0
0
0
Uos
1),2)
17
1
0
0
0
1
Uos +1*1.34
18
1
0
0
1
0
Uos +2*1.34
1),2)
..
..
..
..
..
..
..
30
1
1
1
1
0
Uos +14*1.34
1),2)
31
1
1
1
1
1
Uos +15*1.34
Notes:
1)
Uos is the input offset voltage in mV at TRIMA = 00000
2)
Every step of TRIMA settings brings
Δoffset=1.34 mV change in absolute value of the input offset voltage.
If the measured value is Uos then the number that should be written into the TRIMA for minimum
final absolute value is calculated as TRIMA=int((Uos)/1.34) for Uos above zero and
TRIMA=16+int(-Uos)/1.34) for Uos below zero.
3)
The input offset voltage can be measured with chopping and dechopping bits being cleared in register CRG.
Any input channel as well as gain settings can be used. The input should be shorted to avoid any external voltages to interfere with the
measurement. If the measured output voltage is Va then the offset voltage is calculated acc. Vos = Va/gain.
subregister TRIMBV
change of reference voltage Uo with TRIMBV bits
Nr.
trimbv0
VREF
Notes
trimbvs
trimbv3
trimbv2
trimbv1
mV
0
0
0
0
0
0
Ua
1),2)
1
0
0
0
0
1
Ua -1*5.1
1),2)
2
0
0
0
1
0
Ua -2*5.1
1),2)
..
..
..
..
..
..
..
14
0
1
1
1
0
Ua –14*5.1
1),2)
15
0
1
1
1
1
Ua –15*5.1
1),2)
16
1
0
0
0
0
Ua
1),2)
17
1
0
0
0
1
Ua +1*5.1
18
1
0
0
1
0
Ua +2*5.1
1),2)
..
..
..
..
..
..
..
30
1
1
1
1
0
Ua +14*5.1
1),2)
31
1
1
1
1
1
Ua +15*5.1
Notes:
1)
Ua is the reference voltage in mV at TRIMBTC = 00000, the optimum value is 1.232V.
2)
Every step of TRIMBV settings brings
ΔBV=5.1 mV change in absolute value of the reference voltage.
For trimming the TC value and absolute value of the reference voltage it is recommended to trim the TC
value first and then trim the absolute value since TRIMBTC is changing both TC and absolute value, whereas
TRIMBV is changing only the absolute value.
If the measured absolute value is Uam then the number that should be written into the TRIMBV for optimum
final absolute value is calculated as TRIMBV=int((Uam-1.231)/0.0051) for Uam above the ideal value and
TRIMBV=16+int(-(Uam-1.232)/0.0051) for Uam below the ideal value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com