Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL-3014A10-R80 Datasheet(PDF) 3 Page - American Bright OPTOELECTRONICS CORP.

Part # BL-3014A10-R80
Description  PLCC-2 Components
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMERICANBRIGHT [American Bright OPTOELECTRONICS CORP.]
Direct Link  https://www.americanbrightled.com/
Logo AMERICANBRIGHT - American Bright OPTOELECTRONICS CORP.

BL-3014A10-R80 Datasheet(HTML) 3 Page - American Bright OPTOELECTRONICS CORP.

  BL-3014A10-R80 Datasheet HTML 1Page - American Bright OPTOELECTRONICS CORP. BL-3014A10-R80 Datasheet HTML 2Page - American Bright OPTOELECTRONICS CORP. BL-3014A10-R80 Datasheet HTML 3Page - American Bright OPTOELECTRONICS CORP. BL-3014A10-R80 Datasheet HTML 4Page - American Bright OPTOELECTRONICS CORP. BL-3014A10-R80 Datasheet HTML 5Page - American Bright OPTOELECTRONICS CORP. BL-3014A10-R80 Datasheet HTML 6Page - American Bright OPTOELECTRONICS CORP. BL-3014A10-R80 Datasheet HTML 7Page - American Bright OPTOELECTRONICS CORP. BL-3014A10-R80 Datasheet HTML 8Page - American Bright OPTOELECTRONICS CORP. BL-3014A10-R80 Datasheet HTML 9Page - American Bright OPTOELECTRONICS CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
B
BR
RIIG
GH
HT
T L
LE
ED
D E
EL
LE
EC
CT
TR
RO
ON
NIIC
CS
S C
CO
OR
RP
P..
Ver1.1
Page 2 of 9
SINCE 1981
● Electrical and optical characteristics(Ta=25℃)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Forward Voltage
Vf
IF =20mA
2.6
-
3.4
V
Luminous Intensity
Iv
2000
-
-
mcd
Luminous Flux
ΦV
6
-
-
lm
Chromaticity
Coordinates
x
-
0.33
-
-
y
-
0.33
-
Color Temperature
CCT
4745
-
7040
K
Color Rendering Index
CRI
80
-
-
Viewing Angle
2
θ1/2
-
120
-
deg
● Typical Electro-Optical Characteristics Curves



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com