Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL-3014A10-R80 Datasheet(PDF) 4 Page - American Bright OPTOELECTRONICS CORP.

Part # BL-3014A10-R80
Description  PLCC-2 Components
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMERICANBRIGHT [American Bright OPTOELECTRONICS CORP.]
Direct Link  https://www.americanbrightled.com/
Logo AMERICANBRIGHT - American Bright OPTOELECTRONICS CORP.

BL-3014A10-R80 Datasheet(HTML) 4 Page - American Bright OPTOELECTRONICS CORP.

  BL-3014A10-R80 Datasheet HTML 1Page - American Bright OPTOELECTRONICS CORP. BL-3014A10-R80 Datasheet HTML 2Page - American Bright OPTOELECTRONICS CORP. BL-3014A10-R80 Datasheet HTML 3Page - American Bright OPTOELECTRONICS CORP. BL-3014A10-R80 Datasheet HTML 4Page - American Bright OPTOELECTRONICS CORP. BL-3014A10-R80 Datasheet HTML 5Page - American Bright OPTOELECTRONICS CORP. BL-3014A10-R80 Datasheet HTML 6Page - American Bright OPTOELECTRONICS CORP. BL-3014A10-R80 Datasheet HTML 7Page - American Bright OPTOELECTRONICS CORP. BL-3014A10-R80 Datasheet HTML 8Page - American Bright OPTOELECTRONICS CORP. BL-3014A10-R80 Datasheet HTML 9Page - American Bright OPTOELECTRONICS CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
B
BR
RIIG
GH
HT
T L
LE
ED
D E
EL
LE
EC
CT
TR
RO
ON
NIIC
CS
S C
CO
OR
RP
P..
Ver1.1
Page 3 of 9
SINCE 1981
● Bin Limits
Intensity Bin Limits (At 20 mA)
BIN CODE
Min. (mcd)
Max. (mcd)
ZX
2250
2500
ZY
2500
2750
ZZ
2750
3000
A0
3000
3500
A1
3500
4000
A2
4000
4500
Tolerance for each Bin limit is
±10%.
Forward Voltage Bin Limits (At 20 mA)
B I N C O D E
M i n . ( V )
M ax . ( V )
Y
2.8
2.9
Z
2.9
3.0
A
3.0
3.1
B
3.1
3.2
C
3.2
3.3
D
3.3
3.4
Tolerance for each Bin limit is
± 0.02V.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com