Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P13SMBAPR103MLE Datasheet(PDF) 1 Page - Vishay Siliconix

Part # P13SMBAPR103MLE
Description  Fully Sealed Container Cermet Potentiometers Submarine Applications
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

P13SMBAPR103MLE Datasheet(HTML) 1 Page - Vishay Siliconix

  P13SMBAPR103MLE Datasheet HTML 1Page - Vishay Siliconix P13SMBAPR103MLE Datasheet HTML 2Page - Vishay Siliconix P13SMBAPR103MLE Datasheet HTML 3Page - Vishay Siliconix P13SMBAPR103MLE Datasheet HTML 4Page - Vishay Siliconix P13SMBAPR103MLE Datasheet HTML 5Page - Vishay Siliconix P13SMBAPR103MLE Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
P13SM
www.vishay.com
Vishay Sfernice
Revision: 29-Jul-2021
1
Document Number: 51064
For technical questions, contact: sferpottrimmers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fully Sealed Container Cermet Potentiometers
Submarine Applications
P13SM is designed for applications which need to set
electrical parameters with an immersed potentiometer in
deep water conditions up to 30 m (100 feet).
FEATURES
• High power rating 1.5 W at 70 °C
• Stainless steel shaft and bushing to endure sea
salt water immersion
• Fully sealed IP68 on panel
• Tight temperature coefficient (± 75 ppm/°C typical)
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
Note
(1) CAUTION: Ø 1.5 of panel cut out must not be fully through-hole
Undergoes European Quality Insurance System
QUICK REFERENCE DATA
Multiple module
No
Switch module
n/a
Detent module
n/a
Special electrical laws
A: linear, L: logarithmic, F: reverse logarithmic
Sealing level
IP 68
Lifespan
25K cycles
DIMENSIONS in millimeters (inches) ± 0.5 mm (± 0.02")
P13SM N
P13SM B
2.4
1.6
5.08
1.6
0.3
2
0.8
5.08
Panel Cutout
FR = 50
FL = 25
FG = 16
Ø 6
14.6 max. 10.3
Thread M10 x 0.75
Slot 1 x 1.8 deep
5
Ø 14
Ø 16
Ø 1.5
(1)
6.9 ± 0.2
Ø 10.5
2.4
1.6
5.08
1.6
0.3
2
0.8
5.08
BJ = 22.2
BB = 12.7
9.52
Ø 3.17 (0.125")
Ø 12.6
(0.5")
Slot 0.6 x 1 deep
5
1
13.2 max.
1/4-32 UNEF-2A
Panel Cutout
Ø 1.5 (1)
3.9 ± 0.2
Ø 6.5


Similar Part No. - P13SMBAPR103MLE

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
P13SM VISHAY-P13SM Datasheet
175Kb / 6P
Fully Sealed Container Cermet Potentiometers Submarine Applications
10-Dec-15
P13SMNFLS103MA VISHAY-P13SMNFLS103MA Datasheet
175Kb / 6P
Fully Sealed Container Cermet Potentiometers Submarine Applications
10-Dec-15
P13SMNFRS103MA VISHAY-P13SMNFRS103MA Datasheet
175Kb / 6P
Fully Sealed Container Cermet Potentiometers Submarine Applications
10-Dec-15
P13SMNFRS471MA VISHAY-P13SMNFRS471MA Datasheet
175Kb / 6P
Fully Sealed Container Cermet Potentiometers Submarine Applications
10-Dec-15
More results

Similar Description - P13SMBAPR103MLE

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PE30 VISHAY-PE30 Datasheet
158Kb / 3P
Fully Sealed Container Cermet Potentiometers Military and Professional Grade
19-Jul-02
P8P VISHAY-P8P Datasheet
135Kb / 4P
Fully Sealed Container Cermet Trimmers
26-Oct-06
P8S VISHAY-P8S Datasheet
154Kb / 4P
Fully Sealed Container Cermet Trimmers
26-Oct-06
P12 VISHAY-P12 Datasheet
140Kb / 5P
Fully Sealed Container Cermet Potentiometers Military and Professional Grade
06-Jul-06
P13 VISHAY-P13 Datasheet
117Kb / 5P
Fully Sealed Container Cermet Potentiometers Military and Professional Grade
06-Jul-06
P13SM VISHAY-P13SM Datasheet
175Kb / 6P
Fully Sealed Container Cermet Potentiometers Submarine Applications
10-Dec-15
P12 VISHAY-P12_17 Datasheet
144Kb / 6P
Fully Sealed Container Cermet Potentiometer
04-Jul-17
P13 VISHAY-P13_17 Datasheet
137Kb / 7P
Fully Sealed Container Cermet Potentiometer
04-Jul-17
P12 VISHAY-P12_V01 Datasheet
124Kb / 6P
Fully Sealed Container Cermet Potentiometer Professional Grade
04-Jul-17
P13 VISHAY-P13_V01 Datasheet
121Kb / 7P
Fully Sealed Container Cermet Potentiometer Professional Grade
21-Nov-2022
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com